Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0R03NFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DNT12S0A0R03NFA
Description  Fixed frequency operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0R03NFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DNT12S0A0R03NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0R03NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS_DNT12SIP03_08292013
2
TECHNICAL SPECIFICATIONS
(TA = 25°C, airflow rate = 300 LFM, Vin = 8.3Vdc and 14Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
DNT12S0A0R03NFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
0
15
Vdc
Operating Temperature
-40
85
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
8.3
12
14
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
7.95
V
Turn-Off Voltage Threshold
7.80
V
Maximum Input Current
Vin=Vin,min to Vin,max, Io=Io,max
2.2
A
No-Load Input Current
Vo=5V
50
70
mA
Off Converter Input Current
1
5
mA
Inrush Transient
Vin= Vin,min to Vin,max, Io=Io,min to Io,max
0.4
A
2S
Recommended Input Fuse
5
A
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=12V, Io=Io,max
-1.5
Vo,set
+1.5
% Vo,set
Output Voltage Adjustable Range
0.7525
5.0
V
Output Voltage Regulation
Over Line
Vin=Vin,min to Vin,max
0.4
% Vo,set
Over Load
Io=Io,min to Io,max
0.4
%
Vo,set
Over Temperature
0.4
% Vo,set
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Vin=min to max, Io=min to max1µF ceramic, 10µF Tan
40
70
mV
RMS
Vin=min to max, Io=min to max1µF ceramic, 10µF Tan
20
25
mV
Output Current Range
0
3
A
Output Voltage Over-shoot at Start-up
5
% Vo,set
Output DC Current-Limit Inception
200
% Io
Output Short-Circuit Current (Hiccup mode)
Io,s/c
1.5
Adc (rms)
DYNAMIC CHARACTERISTICS
Dynamic Load Response
47µF Tan & 1µF ceramic load cap, 2.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
200
mVpk
Negative Step Change in Output Current
100% Io, max to 50% Io, max
200
mVpk
Setting Time to 10% of Peak Deviation
25
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Von/off, Vo=10% of Vo,set
8
15
ms
Start-Up Time, From Input
Vin=Vin,min, Vo=10% of Vo,set
8
15
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧
1mΩ
1000
µF
Full load; ESR ≧
10mΩ
3000
µF
EFFICIENCY
Vo=0.75V
Vin=12V, Io=Io,max
72.5
%
Vo=1.2V
Vin=12V, Io=Io,max
80.0
%
Vo=1.5V
Vin=12V, Io=Io,max
83.0
%
Vo=1.8V
Vin=12V, Io=Io,max
85.0
%
Vo=2.5V
Vin=12V, Io=Io,max
88.0
%
Vo=3.3V
Vin=12V, Io=Io,max
90.0
%
Vo=5.0V
Vin=12V, Io=Io,max
92.5
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
0.3
V
Logic High Voltage
Module Off, Von/off
2.5
Vin,max
V
Logic Low Current
Module On, Ion/off
10
uA
Logic High Current
Module Off, Ion/off
0.2
1
mA
GENERAL SPECIFICATIONS
MTBF
Io=Io,max, Ta=25℃
22.8
M hours
Weight
2.1
grams


Similar Part No. - DNT12S0A0R03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0R03NFA DELTA-DNT12S0A0R03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0R03NFA DELTA-DNT12S0A0R03NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0R03NFA DELTA-DNT12S0A0R03NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R03NFA DELTA-DNT12S0A0R03NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R03NFA DELTA-DNT12S0A0R03NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0R03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com