Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0S03NFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNT12S0A0S03NFA
Description  Fixed frequency operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S03NFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNT12S0A0S03NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
-
DATASHEET
DS_DNT12SIP03_08292013
FEATURES
High Efficiency: 92.5% @ 12Vin, 5V/3A out
Small size and low profile:
0.80” x 0.45” x 0.27” (SMD)
0.90” x 0.40” x 0.25” (SIP)
Standard footprint and pinout
Resistor-based trim
Output voltage programmable from
0.75Vdc to 5.0Vdc via external resistors
Pre-bias startup
No minimum load required
Fixed frequency operation
Input UVLO, OCP
Remote ON/OFF
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized
APPLICATIONS
Telecom/DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
OPTIONS
Negative on/off logic
SMD package
Delphi series DNT12 Non-Isolated Point of Load
DC/DC Power Modules: 8.3~14Vin, 0.75~5.0Vo, 3A
The Delphi series DNT12, 8.3V~14V input, 3A single output, non-isolated
point of load DC/DC converters are the latest offering from a world leader
in power systems technology and manufacturing
— Delta Electronics, Inc.
The DNT12, 3A series provides a programmable output voltage from
0.75V to 5V using external resistors. This product family is available in a
surface mount or SIP package and provides up to 3A of current in an
industry standard footprint and pinout. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performance and extremely high
reliability under highly stressful operating conditions. The DNT12, 3A SIP
modules have excellent thermal performance and can provide full output
current with little air flow.


Similar Part No. - DNT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com