Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT04S0A0R03NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNT04S0A0R03NFA
Description  Resistor-based trim
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT04S0A0R03NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNT04S0A0R03NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 11Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 12Page - Delta Electronics, Inc. DNT04S0A0R03NFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_DNT04SMD03_07182012
11
PICK AND PLACE LOCATION
SURFACE- MOUNT TAPE & REEL
LEAD (Sn/Pb) PROCESS RECOMMEND TEMP. PROFILE
LEAD FREE (SAC) PROCESS RECOMMEND TEMP. PROFILE
Temp.
Time
150℃
200℃
90~120 sec.
Time Limited 75 sec.
above 220℃
220℃
Preheat time
Ramp up
max. 3℃ /sec.
Ramp down
max. 4℃ /sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: All temperature refers to assembly application board, measured on the land of assembly application board.


Similar Part No. - DNT04S0A0R03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA Datasheet
777Kb / 13P
   Standard footprint and pinout
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA Datasheet
629Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT04S0A0R03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12SMD05 DELTA-DNT12SMD05 Datasheet
625Kb / 13P
   Resistor-based trim
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com