Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE265 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE265
Description  Silicon NPN Transistor Darlington Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE265 Datasheet(HTML) 2 Page - NTE Electronics

  NTE265 Datasheet HTML 1Page - NTE Electronics NTE265 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward Current Transfer Ratio
hFE
IC = 200mA, VCE = 5V
10k
60k
hfe
IC = 20mA, VCE = 5V, f = 1kHz
10k
Collector–to–Emitter Voltage
VCEO
IC = 10mA
50
V
Collector Saturation Voltage
VCE(sat) IC = 500mA, IB = 0.5mA, Note 3
1.5
V
Base Saturation Voltage
VBE(sat) IC = 500mA, IB = 0.5mA, Note 3
2.0
V
Collector Cutoff Current
ICES
VCE = 50V, TJ = +25°C
0.5
µA
ICBO
VCE = 50V, TJ = +150°C
20
µA
Emitter Cutoff Current
IEBO
VEB = 13V
0.1
µA
Input Impedance
hie
IC = 20mA, VCE = 5V, f = 1kHz
50
500
Collector Capacitance
Ccbo
VCB = 10V, f = 1MHz
5
10
pF
Gain Bandwidth Product
fT
VCE = 5V, IC = 20mA
75
MHz
Delay Time and Rise Time
td + tr
IC = 1A, IB1 = 1mA
100
ns
Storage Time
ts
IC = 1A, IB1 = IB2 = 1mA
350
ns
Fall Time
tf
IC = 1A, IB1 = IB2 = 1mA
800
ns
Note 3. Pulsed measurement: Pulse Width = 300
µs, Duty Cycle ≤ 2%.
B
C
E
.070 (1.78) x 45
°
Chamf
.132 (3.35) Dia
.050 (1.27)
.325
(9.52)
.180 (4.57)
.380 (9.56)
.500
(12.7)
1.200
(30.48)
Ref
.300
(7.62)
.400
(10.16)
Min
.100 (2.54)
.100 (2.54)
C
EB
C


Similar Part No. - NTE265

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2650 NTE-NTE2650 Datasheet
61Kb / 3P
   NTE2649 (NPN) & NTE2650 (PNP) Silicon Complementary Transistors Darlington
NTE2651 NTE-NTE2651 Datasheet
28Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output for Ultrahigh−Definition CRT Display
More results

Similar Description - NTE265

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE266 NTE-NTE266 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amplifier
2N6294 NTE-2N6294 Datasheet
65Kb / 2P
   Silicon NPN Transistor Darlington Power Amplifier, Switch
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
   NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13 Datasheet
885Kb / 3P
   Darlington Amplifier Transistor NPN Silicon
MMBTA13 SECOS-MMBTA13_15 Datasheet
885Kb / 3P
   Darlington Amplifier Transistor NPN Silicon
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com