Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI212C245033-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FI212C245033-T
Description  Multilayer Ceramic Devices (Balance Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FI212C245033-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FI212C245033-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FI212C245033-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Multilayer Ceramic Devices (Balance Type)
FI212C245033-T
Features
Item Summary
Balance Type, 2.0x1.25x0.9mm
for Bluetooth
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 3000
Products characteristics table
System
Bluetooth
Passband Frequency1 (f1)
2400 to 2500 MHz
Insertion Loss2 (max)(in f1)
3 dB at 2400 to 2500MHz (-30 to +85 ℃)
Ripple1 (max)(in f1)
1 dB at 2400 to 2500MHz
VSWR1 (max)(in f1)
2 at 2400 to 2500MHz (Unbalanced port)
VSWR2 (max)(in f1)
2 at 2400 to 2500MHz (Balanced port)
Amplitude Balance (max)(in f1)
2.0 dB at 2400 to 2500MHz
Phase Balance (in f1)
180 ± 10 deg at 2400 to 2500MHz
Attenuation1 (min)(f1)
25 dB at 880 to 960MHz
Attenuation2 (min)(f1)
15 dB at 1710 to 1990MHz
Attenuation3 (min)(f1)
15 dB at 1990 to 2170MHz
Attenuation4 (min)(f1)
15 dB at 4800 to 5000MHz
Unbalanced port Impedance
50 Ω
Balanced port Impedance
Conjugated match to CSR BC3
Operating Temp. Range
-30 to +85 ℃
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (181 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.15 mm
Dimension W
1.25 ±0.15 mm
Dimension T
0.9 ±0.10 mm
2018.03.07
1 / 1


Similar Part No. - FI212C245033-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FI212C245036-T TAIYO-YUDEN-FI212C245036-T Datasheet
254Kb / 2P
   Multilayer Ceramic Devices (Balance Type)
More results

Similar Description - FI212C245033-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FI212C245036-T TAIYO-YUDEN-FI212C245036-T Datasheet
254Kb / 2P
   Multilayer Ceramic Devices (Balance Type)
FI212C245075-T TAIYO-YUDEN-FI212C245075-T Datasheet
254Kb / 2P
   Multilayer Ceramic Devices (Balance Type)
FI168D087018-T TAIYO-YUDEN-FI168D087018-T Datasheet
256Kb / 2P
   Multilayer Ceramic Devices (Dual Type)
FI105L250014-T TAIYO-YUDEN-FI105L250014-T Datasheet
241Kb / 2P
   Multilayer Ceramic Devices (Low Pass Type)
FI212B245026-T TAIYO-YUDEN-FI212B245026-T Datasheet
238Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
FI168B5538FW-T TAIYO-YUDEN-FI168B5538FW-T Datasheet
247Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
FI105L087038-T TAIYO-YUDEN-FI105L087038-T Datasheet
242Kb / 2P
   Multilayer Ceramic Devices (Low Pass Type)
TSB1N18D845MLV0D9T TAIYO-YUDEN-TSB1N18D845MLV0D9T Datasheet
301Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
2022.04.08
TSL1N15H1G86NS022T TAIYO-YUDEN-TSL1N15H1G86NS022T Datasheet
298Kb / 2P
   Multilayer Ceramic Devices (Low Pass Type)
2022.04.08
TSL1N18D1G68LS0G6T TAIYO-YUDEN-TSL1N18D1G68LS0G6T Datasheet
301Kb / 2P
   Multilayer Ceramic Devices (Low Pass Type)
2022.04.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com