Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI212B245027-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FI212B245027-T
Description  Multilayer Ceramic Devices (Band Pass Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FI212B245027-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FI212B245027-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FI212B245027-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Multilayer Ceramic Devices (Band Pass Type)
FI212B245027-T
Features
Item Summary
Band Pass Type, 2.0x1.25x1.0mm
for Bluetooth/W-LAN/ZigBee
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 3000
Products characteristics table
System
Bluetooth/W-LAN/ZigBee
Passband Frequency1 (f1)
2400 to 2500 MHz
Insertion Loss2 (max)(in f1)
1.7 dB at 2400 to 2500MHz (-30 to +85 ℃)
Ripple1 (max)(in f1)
1 dB at 2400 to 2500MHz
VSWR1 (max)(in f1)
2 at 2400 to 2500MHz
Attenuation1 (min)(f1)
30 dB at 880 to 915MHz
Attenuation2 (min)(f1)
30 dB at 1710 to 1910MHz
Attenuation3 (min)(f1)
6 dB at 2110 to 2170MHz
Attenuation4 (min)(f1)
20 dB at 4800 to 5000MHz
Input Impedance
50 Ω
Output Impedance
50 Ω
Operating Temp. Range
-30 to +85 ℃
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (181 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.15 mm
Dimension W
1.25 ±0.15 mm
Dimension T
Max 1.0 mm
2018.03.07
1 / 1


Similar Part No. - FI212B245027-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FI212B245026-T TAIYO-YUDEN-FI212B245026-T Datasheet
238Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
More results

Similar Description - FI212B245027-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FI212B245026-T TAIYO-YUDEN-FI212B245026-T Datasheet
238Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
FI168B5538FW-T TAIYO-YUDEN-FI168B5538FW-T Datasheet
247Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
TSB1N18D845MLV0D9T TAIYO-YUDEN-TSB1N18D845MLV0D9T Datasheet
301Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
2022.04.08
FI105B245024-T TAIYO-YUDEN-FI105B245024-T Datasheet
241Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
TSB1N15H2G45NS024T TAIYO-YUDEN-TSB1N15H2G45NS024T Datasheet
297Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
2022.04.08
FI168B2002H7-T TAIYO-YUDEN-FI168B2002H7-T Datasheet
247Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
TSB1N18F2G45NS001T TAIYO-YUDEN-TSB1N18F2G45NS001T Datasheet
292Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
2022.04.08
FI212B190223-T TAIYO-YUDEN-FI212B190223-T Datasheet
236Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
FI168B245001-T TAIYO-YUDEN-FI168B245001-T Datasheet
237Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
TSB1N18D5G53LV0FWT TAIYO-YUDEN-TSB1N18D5G53LV0FWT Datasheet
301Kb / 2P
   Multilayer Ceramic Devices (Band Pass Type)
2022.04.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com