Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT04S0A0R05NFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DNT04S0A0R05NFA
Description  Standard footprint and pinout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT04S0A0R05NFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DNT04S0A0R05NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT04S0A0R05NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS_DNT04SIP05_08292013
2
TECHNICAL SPECIFICATIONS
(TA = 25°C, airflow rate = 300 LFM, Vin = 2.4Vdc and 5.5Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
DNT04S0A0R05NFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
5.8
Vdc
Operating Temperature
-40
85
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vo ≦ Vin
–0.5V
2.4
5.5
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
2.1
V
Turn-Off Voltage Threshold
2.0
V
Maximum Input Current
Vin=4.5V
Vo=3.3V, Io=Io,max
4.1
A
No-Load Input Current
30
45
mA
Off Converter Input Current
1
mA
Inrush Transient
Vin=2.4V to 5.5V, Io=Io,min to Io,max
0.1
A
2S
Recommended Input Fuse
7
A
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=5V, Io=Io, max
-2.0
Vo,set
+2.0
% Vo,set
Output Voltage Adjustable Range
0.7525
3.63
V
Output Voltage Regulation
Over Line
Vin=2.4V to 5.5V
0.3
% Vo,set
Over Load
Io=Io,min to Io,max
0.4
% Vo,set
Over Temperature
Ta=-40℃ to 85℃
0.4
% Vo,set
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
40
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
15
mV
Output Current Range
0
5
A
Output Voltage Over-shoot at Start-up
5
% Vo,set
Output DC Current-Limit Inception
220
% Io
Output Short-Circuit Current (Hiccup Mode)
Io,s/c
3
Adc (rms)
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tantalum & 1µF Ceramic load cap, 2.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
220
mV
Negative Step Change in Output Current
100% Io, max to 50% Io, max
220
mV
Setting Time to 10% of Peak Devitation
25
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Von/off, Vo=10% of Vo,set
7
ms
Start-Up Time, From Input
Vin=Vin,min, Vo=10% of Vo,set
7
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧
1mΩ
1000
µF
Full load; ESR ≧
10mΩ
3000
µF
EFFICIENCY
Vo=3.3V
Vin=5V, 100% Load
93.0
%
Vo=2.5V
Vin=5V, 100% Load
90.5
%
Vo=1.8V
Vin=5V, 100% Load
87.5
%
Vo=1.5V
Vin=5V, 100% Load
86.0
%
Vo=1.2V
Vin=5V, 100% Load
83.5
%
Vo=0.75V
Vin=5V, 100% Load
77.5
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
0.3
V
Logic High Voltage
Module Off, Von/off
2.5
Vin.max
V
Logic Low Current
Module On, Ion/off
10
µA
Logic High Current
Module Off, Ion/off
0.2
1
mA
GENERAL SPECIFICATIONS
MTBF
Io=100% of Io, max; Ta=25°C
19.3
M hours
Weight
2.3
grams


Similar Part No. - DNT04S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT04S0A0R05NFA DELTA-DNT04S0A0R05NFA Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0R05NFA DELTA-DNT04S0A0R05NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNT04S0A0R05NFA DELTA-DNT04S0A0R05NFA Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R05NFA DELTA-DNT04S0A0R05NFA Datasheet
777Kb / 13P
   Standard footprint and pinout
DNT04S0A0R05NFA DELTA-DNT04S0A0R05NFA Datasheet
672Kb / 13P
   Resistor-based trim
More results

Similar Description - DNT04S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
DNT04SIP03 DELTA-DNT04SIP03 Datasheet
777Kb / 13P
   Standard footprint and pinout
E36SC120 DELTA-E36SC120 Datasheet
881Kb / 16P
   Industry standard footprint and pinout
V48SR05013 DELTA-V48SR05013 Datasheet
957Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YNS05S16 BEL-YNS05S16 Datasheet
704Kb / 20P
   Industry-standard footprint and pinout
YNV05T06 BEL-YNV05T06 Datasheet
740Kb / 19P
   Industry-standard footprint and pinout
YNV05T16 BEL-YNV05T16 Datasheet
860Kb / 20P
   Industry-standard footprint and pinout
YNV05T100XY BEL-YNV05T100XY Datasheet
662Kb / 20P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com