Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10SMD06 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNS10SMD06
Description  Surface mount packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10SMD06 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNS10SMD06 Datasheet HTML 1Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 2Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 3Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 4Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 5Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 6Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 7Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 8Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_DNS10SMD06_05252012
FEATURES
High efficiency: 89.5%@ 12Vin, 3.3V/6A out
Small size and low profile: (SMD)
27.90x 11.4x 7.1mm (1.10
” x 0.45” x 0.28”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output Voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 5Vdc via external resistor
Fixed frequency operation (350KHz)
Input UVLO, output OTP, OCP
Remote ON/OFF
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
certified.
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative on/off logic
Tracking feature
SMD package
Delphi DNS, Non-Isolated Point of Load
DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
The Delphi series DNS, 8.3~14V input, single output, non-isolated point of
load DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. The
DNS series provides a programmable output voltage from 0.75V to 5.0V
through an external trimming resistor. The DNS converters have flexible
and programmable tracking and sequencing features to enable a variety
of sequencing and tracking between several point of load power modules.
This product family is available in a surface mount or SIP package and
provides up to 6A of output current in an industry standard footprint and
pinout. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performance and extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DNS10SMD06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFB DELTA-DNS10S0A0R06NFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS10SMD06

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF260-2 BOURNS-MF-MSMF260-2 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF150-2 BOURNS-MF-MSMF150-2 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
logo
Ohmite Mfg. Co.
33J1R0 OHMITE-33J1R0 Datasheet
126Kb / 2P
   Axial Terminal / Surface Mount / Heat Sinkable Packaging
logo
Samsung semiconductor
RC1608F332CS SAMSUNG-RC1608F332CS Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
M/A-COM Technology Solu...
M513 MA-COM-M513 Datasheet
496Kb / 28P
   Tape and Reel Packaging for Surface Mount Components
ANI-019 MA-COM-ANI-019 Datasheet
588Kb / 6P
   Tape & Reel Packaging and Orientation for Surface Mount Components
ANI-019 MA-COM-ANI-019_14 Datasheet
288Kb / 7P
   Tape & Reel Packaging and Orientation for Surface Mount Components
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com