Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10SMD06 Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DNS10SMD06
Description  Surface mount packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10SMD06 Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DNS10SMD06 Datasheet HTML 2Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 3Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 4Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 5Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 6Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 7Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 8Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 9Page - Delta Electronics, Inc. DNS10SMD06 Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_DNS10SMD06_05252012
6
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Tantalum
L
TO OSCILLOSCOPE
Note: Input reflected-ripple current is measured with a
simulated
source
inductance.
Current
is
measured at the input of the module.
Figure 17: Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10μF tantalum and 1μF capacitor. Scope
measurement should be made using a BNC
connector.
Figure 18: Peak-peak output noise and startup transient
measurement test setup
SUPPLY
I
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 19: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via
socket), place Kelvin connections at module
terminals to avoid measurement errors due to
contact resistance.
%
100
)
(
Ii
Vi
Io
Vo
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 20 shows the input ripple voltage
(mVp-p) for various output models using 2x47 uF low
ESR tantalum capacitors (SANYO P/N:16TPB470M,
47uF/16V or equivalent) and 2x22 uF very low ESR
ceramic
capacitors
(TDK
P/N:C3225X7S1C226MT,
22uF/16V or equivalent).
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
 
1
0
50
100
150
200
250
300
0
1
2
3
4
5
6
Output Voltage (Vdc)
Tantalum
Ceramic
Figure 20: Input ripple voltage for various Output models,
Io = 6A (Cin = 2x47uF tantalum capacitors and
2x22uF ceramic capacitors at the input)


Similar Part No. - DNS10SMD06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFB DELTA-DNS10S0A0R06NFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS10SMD06

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF260-2 BOURNS-MF-MSMF260-2 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF150-2 BOURNS-MF-MSMF150-2 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
logo
Ohmite Mfg. Co.
33J1R0 OHMITE-33J1R0 Datasheet
126Kb / 2P
   Axial Terminal / Surface Mount / Heat Sinkable Packaging
logo
Samsung semiconductor
RC1608F332CS SAMSUNG-RC1608F332CS Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
M/A-COM Technology Solu...
M513 MA-COM-M513 Datasheet
496Kb / 28P
   Tape and Reel Packaging for Surface Mount Components
ANI-019 MA-COM-ANI-019 Datasheet
588Kb / 6P
   Tape & Reel Packaging and Orientation for Surface Mount Components
ANI-019 MA-COM-ANI-019_14 Datasheet
288Kb / 7P
   Tape & Reel Packaging and Orientation for Surface Mount Components
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com