Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DNS10SIP06 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. DNS10SIP06
Description  Voltage and resistor-based trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10SIP06 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNS10SIP06 Datasheet HTML 1Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 2Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 3Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 4Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 5Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 6Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 7Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 8Page - Delta Electronics, Inc. DNS10SIP06 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_DNS10SIP06_07182012
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current
(0.75V output voltage)
Figure 2: Converter efficiency vs. output current
(1.2V output voltage)
Figure 3: Converter efficiency vs. output current
(1.5V output voltage)
Figure 4: Converter efficiency vs. output current
(1.8V output voltage)
Figure 5: Converter efficiency vs. output current
(2.5V output voltage)
Figure 6: Converter efficiency vs. output current
(3.3V output voltage)
74
76
78
80
82
84
86
88
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V
65
67
69
71
73
75
77
79
81
83
85
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V
76
78
80
82
84
86
88
90
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V
76
78
80
82
84
86
88
90
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V
80
82
84
86
88
90
92
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V
80
82
84
86
88
90
92
94
1
2
3
4
5
6
LOAD (A)
8.3V
12V
14V


Similar Part No. - DNS10SIP06

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DNS10S0A0R06NFB DELTA-DNS10S0A0R06NFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS10SIP06

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz