Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DNS04SMD06 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part No. DNS04SMD06
Description  Voltage and resistor-based trim
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04SMD06 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button DNS04SMD06 Datasheet HTML 9Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 10Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 11Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 12Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 13Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 14Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 15Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 16Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 17Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS_DNS04SMD6A_07182012
13
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The height of this fan duct is constantly kept
at 25.4mm (1
’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 43: Wind tunnel test setup
THERMAL CURVES
Figure 44: Temperature measurement location
The allowed maximum hot spot temperature is defined at 127
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin=5V, Vout = 3.3V(Either Orientation)
0
1
2
3
4
5
6
7
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
Figure 45: DNS04S0A0S06(Standard) Output current vs.
ambient temperature and air velocity@Vin=5V, Vout=3.3V(Either
Orientation)
DNS04S0A0S06(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin=5V, Vout = 1.5V(Either Orientation)
0
1
2
3
4
5
6
7
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
Figure 46: DNS04S0A0S06(Standard) Output current vs.
ambient temperature and air velocity@Vin=5V, Vout=1.5V(Either
Orientation)


Similar Part No. - DNS04SMD06

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DNS04S0A0R06NFB DELTA-DNS04S0A0R06NFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
828Kb / 16P
   Voltage and resistor-based trim
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
More results

Similar Description - DNS04SMD06

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz