Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS04SMD06 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNS04SMD06
Description  Voltage and resistor-based trim
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04SMD06 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNS04SMD06 Datasheet HTML 1Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 2Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 3Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 4Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 5Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 6Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 7Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 8Page - Delta Electronics, Inc. DNS04SMD06 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
DS_DNS04SMD06_07182012
FEATURES
High efficiency: 94% @ 5.0Vin, 3.3V/6A out
Small size and low profile: (SMD)
27.9x 11.4x 7.1mm (1.10
”x 0.45”x 0.28”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 3.63Vdc via external resistor
Fixed frequency operation
Input UVLO, output OTP, OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative on/off logic
Tracking feature
SMD package
Delphi DNS, Non-Isolated Point of Load
DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.63V/6Aout
The Delphi Series DNS, 2.8-5.5V input, single output, non-isolated
Point of Load DC/DC converters are the latest offering from a world
leader in power systems technology and manufacturing -- Delta
Electronics, Inc. The DNS series provides a programmable output
voltage from 0.75V to 3.63V using an external resistor and has flexible
and programmable tracking features to enable a variety of startup
voltages as well as tracking between power modules. This product
family is available in surface mount or SIP packages and provides up to
6A of output current in an industry standard footprint. With creative
design technology and optimization of component placement, these
converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DNS04SMD06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0R06NFB DELTA-DNS04S0A0R06NFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
828Kb / 16P
   Voltage and resistor-based trim
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
More results

Similar Description - DNS04SMD06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com