Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM04S0A0R10NFD Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DNM04S0A0R10NFD
Description  Standard footprint
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0R10NFD Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DNM04S0A0R10NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS_DNM04SMD10_07182012
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Turn on delay time at 5Vin, 3.3V/10A out
Figure 14: Turn on delay time at 5Vin, 1.8V/10A out
Figure 15: Turn on delay time at remote turn on 5Vin, 3.3V/16A out
Figure 16: Turn on delay time at remote turn on 3.3Vin, 2.5V/16A
out
Figure 17: Turn on delay time at remote turn on with external
capacitors (Co= 5000 µF) 5Vin, 3.3V/16A out
Figure 18: Turn on delay time at remote turn on with external
capacitors (Co= 5000 µF) 3.3Vin, 2.5V/16A out


Similar Part No. - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
DCT DELTA-DCT Datasheet
1Mb / 20P
   Standard footprint
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
DNL10SMD DELTA-DNL10SMD Datasheet
936Kb / 15P
   Standard footprint
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com