Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DNK12SIP Datasheet(PDF) 15 Page - Delta Electronics, Inc.

Part # DNK12SIP
Description  Voltage and resistor-based trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12SIP Datasheet(HTML) 15 Page - Delta Electronics, Inc.

Back Button DNK12SIP Datasheet HTML 7Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 8Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 9Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 10Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 11Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 12Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 13Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 14Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
DS_DNK12SIP_09062016
15
PART NUMBERING SYSTEM
DNK
12
S
0A0
R
30
N
F
A
Product
Family
Input
Voltage
Number of
Outputs
Output
Voltage
Package
Type
Output
Current
On/Off
Logic
Option Code
DNK - 30A 12 - 6.0V ~ 14V S - Single
0A0 -
Programmable
R - SIP
30 - 30A
N - Negative
F- RoHS 6/6
(Lead Free)
Space - RoHs
5/6
A - Standard Function
w/o current sharing
B - with current sharing
MODEL LIST
Model Name
Package Input Voltage
Output Voltage
Output Current
Efficiency
12Vin, 5Vout @ full load
DNK12S0A0R30NFA
SIP
6.0V ~ 14Vdc
0.8V ~ 5.0Vdc
30A
95%
DNK12S0A0R30N A
SIP
6.0V ~ 14Vdc
0.8V ~ 5.0Vdc
30A
95%
Contact: www.deltaww.com/dcdc
Email: dcdc@deltaww.com
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Asia & the rest of world:
Telephone: +886 3 4526107ext 6220~6224
Fax: +886 3 4513485
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Similar Part No. - DNK12SIP

ManufacturerPart #DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
1,008Kb / 15P
   Output voltage tracking
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
1,008Kb / 15P
   Output voltage tracking
DNK12S0A0R30NFB DELTA-DNK12S0A0R30NFB Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
More results

Similar Description - DNK12SIP

ManufacturerPart #DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com