Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM3R3300SFB Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DIM3R3300SFB
Description  Inrush protection and hot swap capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFB Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DIM3R3300SFB Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 5: Hold up performance (5mS/div):
CH1: Vin (VRTN_AF reference to -48V_AF, 10V/div).
CH2: Iin (2A/div).
CH3: 12V Vout (5V/div).
CH4: VRTN_OUT reference to
–48V_OUT (10V/div).
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) Q48SH12025: I(12V Out)=22.5A, I(3.3V)=2.5A,
I(5V BLUE_LED PWR)=0A.
(3) C2=220uF, C_hold=470uF X4
Figure 6: -48V_ALARM with loss of Feed (20mS/div):
CH1: VinA (VRTN_AF reference to -48V_AF, 20V/div).
CH2: VinB (VRTN_BF reference to -48V_BF, 20V/div).
CH3: -48V_ALARM (2V/div)
Test conditions:
(1) Feed A turn off from 48Vdc; Feed B=48Vdc.
(2) Q48SH12025: I(12V Out)=22.5A, I(3.3V)=2.5A,
I(5V BLUE_LED PWR)=0A.
(3) C2=220uF, C_hold=220uF
Figure 7: Efficiency vs. load current for minimum, nominal,
and maximum input voltage at 25°C:
Test conditions:.
(1) I(MGMT_PWR)=0A; I(5V BLUE_LED PWR)=0A;
(2) C2=220uF, C_hold=220uF
(3)Po( VRTN_OUT ref to -48V_OUT)from 30W to 300W
Figure 8: MGMT_PWR (3.3V) and BLUE_LED_PWR (5V)
start up waveform (10mS/div):
CH1: VinA (VRTN_AF referenced to -48V_AF, 50V/div).
CH2: V(MGMT_PWR) (1V/div);
CH3: V(5V BLUE_LED_PWR) (1V/div)
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) I(VRTN_OUT)=1A,I(3.3V)=2.5A,
I(5V BLUE_LED PWR)=0.1A
(3) C2=220uF, C_hold=220uF
CH2
CH3
CH1
CH2
CH4
CH1
CH3
CH2
CH1
CH3


Similar Part No. - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Industry standard pin out
More results

Similar Description - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com