Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM3R3300SFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DIM3R3300SFA
Description  Inrush protection and hot swap capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DIM3R3300SFA Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
3
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted;)
PARAMETER
NOTES and CONDITIONS
DIM3R3300 (Standard)
Min.
Typ.
Max.
Units
MANAGEMENT POWER
Operating Input Voltage
Continuous
-36
-48
-75
Output Voltage Set-point
I(MGMT_PWR)=1.25A
-1.5
+1.5
%Vo
Output Voltage (total)
Over Vin, load, temperature
-3
+3
%Vo
Output Regulation
Line Regulation
Vi= Vi,min to Vi,max
0.05
0.2
%Vo
Load Regulation
Io=Io,min to Io,max
0.05
0.2
%Vo
Temperature Regulation
Ta=Ta,min to Ta,max
1
%Vo
Output Voltage Overshoot
3
%Vo
Back-Drive Current
NA
0
mA
Switching Frequency
450
KHz
MANAGEMENT POWER (3.3V)
Output Ripple and Noise
10
F Tan cap and 1F ceramic cap
RMS
5Hz to 20 MHz bandwidth
20
mV
Peak-to-peak
5Hz to 20MHz bandwidth
70
mV
Output Current
0
2.4
A
Over Current Protection
Hiccup mode
3
6.5
A
Output Short-circuit Current (RMS)
2.2
A
Hiccup Mode Restart Time
10
mS
Output Over Voltage Protection
Voltage limitation mode
5
5.4
V
Dynamic Response (20 MHz bandwidth)
load step is 50%~100%~50%, slew rate is 0.1A/
S
Peak Deviation
3
5
%Vo
Settling Time
800
S
Turn-On Delay Times
I(MGMT_PWR)=2.5A
25
mS
Turn-On Rising Times
I(MGMT_PWR)=2.5A
5
mS
External Load Capacitance
Io=Io,min to Io,max
1000
F
BLUE LED POWER 5V
Operating Input Voltage
Continuous
-36
-48
-75
Vdc
Total Output Voltage Range
4.9
5
5.1
Vdc
Output Regulation
-3
3
%Vo
Output Ripple and Noise
5
mV
Operating Output Current Range
0
0.1
A


Similar Part No. - DIM3R3300SFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
602Kb / 13P
   Industry standard pin out
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM3R3300SFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com