Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM3R3 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DIM3R3
Description  Inrush protection and hot swap capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DIM3R3 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 12Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
9
FEATURES AND DESIGN
CONSIDERATIONS
Introduction
The DIM3R3/050 module is designed to simplify the task
and reduce the board space of an ATCA (Advanced
Telecommunications Computing Architecture) power
entry distribution requirements in the system board.
The main functionality of the module is to provide dual,
redundant -
48V A/B Feed OR’ing, inrush protection for
hot swap capability, EMI filtering to attenuate the noise
generated by the downstream DC/DC converters, and a
72V output voltage for charging the holdup capacitor.
The module also has a management power supply
which provides an 8W, 3.3V management power and/or
a 5V/100mA output (optional) to power the blue LED per
PICMG 3.0 requirement.
The module provides A/B feed/fuse open alarm, over
current protection, over voltage protection, and over
temperature protection. It also provides input under
voltage lock-out and input reverse polarity protection.
A/B Feed OR’ing
To improve the total power distribution efficiency, four
internal MOSFETs are used to function as the OR
’ing
diodes. A control circuit is designed to keep about
100mV voltage drop across MOSFET. During full load
operation, the MOSFETs are fully turned on. During light
load, the MOSFETs work under a high Rdson condition.
If the output current decreases to zero, the MOSFETs
will be turned off. This design provides module a reverse
voltage sustain function. The module shall not be
damaged from reverse polarity connection in the event
of mis-wiring of either input feeds at the shelf input
terminals. Furthermore, a fast shut down circuit is
designed for the negative current case. This design
protects the common DC bus against hard short faults at
the sourcing power supply output.
Hot Swap Functionality
The hot-swap function is designed to limit the inrush
current charged to the bulk capacitor of the down stream
bus converter. The current value and duration comply
with the PICMG 3.0’s Inrush Transient specs.
Although the inrush current for bulk capacitor is under
control, special attentions need to be paid to the current
for EMI filter because this circuit is in front of hot-swap
circuit.
EMI Filtering
An internal EMI filter is designed for the ATCA board to
meet the system conducted emission requirements of
CISPR 22 Class B when used with Delta DC/DC
converters.
Figure 17 shows the EMI performance of DIM3R3 when
it worked with Delta power module Q48SH12025NRFA
(36~75Vin, 12V/25A output Quarter brick). It meets
CISPR 22 Class B requirement.
Figure 11: EMI test result with Q48SH12025NRFA:
Holdup
Capacitor
Charging
Current
(72V_CAP)
An off line holdup capacitor (C_HLDP) is needed to
store energy for the holdup time requirement. C_HLDP
is charged to 72V (+/- 3% tolerance). For a fixed energy
storage requirement, high capacitor voltage reduces
capacitor capacitance and size. A constant current
circuit charges C_HLDP before its voltage reaches the
high limitation and isolates it from power train circuit.
The discharge switch will turn on if both A&B feeds have
dropped
below
–38V (typical). C_HLDP will be
connected to power train and provided the energy for
system operation.
C_HLDP is calculated by the following equation:
2
2
72
_
*
*
2
_
Vth
V
HLDP
T
Power
HLDP
C
Where Power is the input power to the downstream
DC/DC
converter;
T_HLDP
is
the
holdup
time
requirement; Vth is the minimum input voltage threshold
of the downstream DC/DC converter.


Similar Part No. - DIM3R3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
602Kb / 13P
   Industry standard pin out
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM3R3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com