Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2200UFCL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2200UFCL
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2200UFCL Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2200UFCL_17 Datasheet HTML 1Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 2Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 3Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 4Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 5Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 6Page - Diodes Incorporated DMP2200UFCL_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP2200UFCL
Document number: DS36619 Rev. 4 - 2
1 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DMP2200UFCL
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Summary
BVDSS
RDS(ON) max
ID max
-20V
200m
Ω @VGS = -4.5V
-1.7A
290m
Ω @VGS = -2.5V
-1.3A
390m
Ω @VGS = -1.8V
-1.1A
650m
Ω @VGS = -1.5V
-0.5A
Description
This device provides a high performance, low RDS(ON) P-Channel
MOSFET in the thermally and spatially efficient U-DFN1616-6 (Type
F) package. The low RDS(ON) of this MOSFET ensures conduction
losses are kept making it ideal for use in the following applications.
Applications
Battery Disconnect Switch
Load Switch for Power Management Functions
Features
Typical Off Board Profile of 0.5mm - Ideally Suited for Thin
Applications
Low RDS(ON) – Minimizes Conduction Losses
PCB Footprint of 2.56mm
2
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
ESD Protected Gate
Mechanical Data
Case: U-DFN1616-6 (Type F)
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu. Solderable per MIL-STD-202,
Method 208 e4
Weight: 0.04 grams (Approximate)
Ordering Information (Note 4)
Part Number
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DMP2200UFCL-7
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
P20 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
Device Symbol
Pin Configuration
Bottom View
ESD PROTECTED
P20
YM
Bottom View
Pin1
D1
D2
D1
S1
G1
Gate Protection
Diode
D2
S2
G2
Gate Protection
Diode


Similar Part No. - DMP2200UFCL_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2200UFCL DIODES-DMP2200UFCL_15 Datasheet
354Kb / 6P
   Dual P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2200UFCL_17

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com