Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMF1000 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TSMF1000
Description  High Speed IR Emitting Diode in SMD Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF1000 Datasheet(HTML) 8 Page - Vishay Siliconix

  TSMF1000 Datasheet HTML 1Page - Vishay Siliconix TSMF1000 Datasheet HTML 2Page - Vishay Siliconix TSMF1000 Datasheet HTML 3Page - Vishay Siliconix TSMF1000 Datasheet HTML 4Page - Vishay Siliconix TSMF1000 Datasheet HTML 5Page - Vishay Siliconix TSMF1000 Datasheet HTML 6Page - Vishay Siliconix TSMF1000 Datasheet HTML 7Page - Vishay Siliconix TSMF1000 Datasheet HTML 8Page - Vishay Siliconix TSMF1000 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number 81061
Rev. 6, 21-May-03
VISHAY
TSMF1000/1020/1030/1040
Vishay Semiconductors
Taping TSMF1030
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, other-
wise slight voltage shift will cause big current change
(Burn out will happen).
2. Storage
2.1 Storage temperature and rel. humidity conditions
are: 5°C to 35°C, R.H. 60%
2.2 Floor life must not exceed 168 h, acc. to JEDEC
level 3, J-STD-020.
Once the package is opened, the products should be
used within a week. Otherwise, they should be kept in
a damp proof box with desiccant.
Considering tape life, we suggest to use products
within one year from production date.
2.3 If opened more than one week in an atmosphere
5°C to 35°C, R.H. 60%, devices should be treated at
60°C ± 5°C for 15 hrs.
2.4 If humidity indicator in the package shows pink
color (normal blue), then devices should be treated
with the same conditions as 2.3
Reflow Solder Profile
18032
60
80
100
120
140
160
180
200
220
240
260
0
20 40 60 80 100 120 140 160 180 200 220
Time ( s )
17172
+ 5 C/s
5 s
60 s to 120 s
– 5 C/s


Similar Part No. - TSMF1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000 Datasheet
38Kb / 4P
   High Speed IR Emitting Diode in ø SMD Package
Rev. 4, 31-Mar-00
TSMF1000 VISHAY-TSMF1000 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 04-Sep-08
TSMF1000 VISHAY-TSMF1000 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSMF1000 VISHAY-TSMF1000 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSMF1000 VISHAY-TSMF1000 Datasheet
173Kb / 10P
   High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
01-Jan-2023
More results

Similar Description - TSMF1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000 Datasheet
38Kb / 4P
   High Speed IR Emitting Diode in ø SMD Package
Rev. 4, 31-Mar-00
TSML1020 VISHAY-TSML1020 Datasheet
365Kb / 9P
   Extented Power IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
   Extented Power IR Emitting Diode in SMD Package
Rev. 1.8, 08-Mar-05
TSHG6400 VISHAY-TSHG6400 Datasheet
116Kb / 6P
   High Speed IR Emitting Diode in T-1 3/4 Package
Rev. 1.0, 28-Nov-06
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5410 VISHAY-TSFF5410 Datasheet
134Kb / 5P
   High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Rev. 1.4, 23-Jun-04
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
VLMU35CR41-275-120 VISHAY-VLMU35CR41-275-120 Datasheet
259Kb / 8P
   UVC Emitting Diode in SMD Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com