Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSDF03030XR Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. TSDF03030XR
Description  Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF03030XR Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF03030XR Datasheet HTML 1Page - Vishay Siliconix TSDF03030XR Datasheet HTML 2Page - Vishay Siliconix TSDF03030XR Datasheet HTML 3Page - Vishay Siliconix TSDF03030XR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSDF03030X/TSDF03030XR
Vishay Semiconductors
3 (4)
www.vishay.com
Document Number 85089
Rev. 1, 12–Nov–01
Electrical AC Characteristics
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 56 kW, ID = IDSO, f = 1 MHz, Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward transadmittance
y21s
25
30
35
mS
Gate 1 input capacitance
Cissg1
2.0
2.3
pF
Feedback capacitance
Crss
20
30
fF
Output capacitance
Coss
1.1
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
28
dB
Power gain
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
Gps
17
22
dB
AGC range
VDS = 5 V, VG2S = 1 to 4 V, f = 800 MHz
∆Gps
45
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1
dB
Noise figure
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
F
1.3
dB
Cross modulation
Input level for k = 1 % @ 0 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
90
dB
µV
Input level for k = 1 % @ 40 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
100
105
dB
µV
Dimensions of TSDF03030X/TSDF03030XR in mm
14280


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn