Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS81102G0CTP Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS81102G0CTP
Description  DMUX 8-/10-bit 2 GHz 1:4/8
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0CTP Datasheet(HTML) 5 Page - ATMEL Corporation

  TS81102G0CTP Datasheet HTML 1Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 2Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 3Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 4Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 5Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 6Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 7Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 8Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TS81102G0
2105C–BDC–11/03
Main Function
Description
Programmable
DMUX Ratio
The conversion ratio is programmable: 1:4 or 1:8.
Figure 3. Programmable DMUX Ratio
Parallel Output
Mode
Figure 4. Parallel Mode
Input Clock Sampling Delay Adjust (DEMUXDELADJCTRL)
The input clock phase can be adjusted with an adjustable delay (from 250 to 750 ps). This is to
ensure a proper phase between the clock and input data of the DMUX.
1,2,3,4,5,6,7,8,...
1
2
3
4
5
6
7
8
PortA
PortB
PortC
PortD
PortE
PortF
PortG
PortH
...
not used
not used
not used
not used
1:4
Input Words:
Input Words:
Output Words:
Output Words:
1,2,3,4,5,6,7,8,...
1
2
3
4
5
6
7
8
PortA
PortB
PortC
PortD
PortE
PortF
PortG
PortH
1:8
9
10
11
12
13
14
15
16
...
PortA
PortB
PortC
PortD
PortE
PortF
PortG
PortH
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
DR
ClkIn


Similar Part No. - TS81102G0CTP

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TS81102G0CTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
   10-BIT 1:2/4 2.2GHz LVDS DMUX
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
logo
Teledyne Technologies I...
CPA-8-2003 TELEDYNE-CPA-8-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
CPA-8-2004 TELEDYNE-CPA-8-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com