Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC-CH4ALF-03-49R9-CF Datasheet(PDF) 2 Page - TT Electronics.

Part # CHC-CH4ALF-03-49R9-CF
Description  Precision Ceramic Ball Grid Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CHC-CH4ALF-03-49R9-CF Datasheet(HTML) 2 Page - TT Electronics.

  CHC-CH4ALF-03-49R9-CF Datasheet HTML 1Page - TT Electronics. CHC-CH4ALF-03-49R9-CF Datasheet HTML 2Page - TT Electronics. CHC-CH4ALF-03-49R9-CF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Ceramic
Ball Grid Arrays
CHC-Precision Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Schematic CH4A
(View from top)
Schematic CH8A
(View from top)
L
0.250
±0.003
A1
0.025
±0.003
0.058
±0.005
99.6%
Alumina
Substrate
0.030
″ ±0.002
10/90 Sn/Pb solder balls
0.025
±0.010
0.050
±0.010
0.200
±0.010
E*
A
12
N
(View from top)
(View from bottom)
Physical and Schematic Data
Number of Columns N
Length L
4
0.200″ ±0.003
8
0.400″ ±0.003
*Rows B, C and D not populated
Precision Ceramic
Ball Grid Arrays
CHC-Precision Series Issue May 2009 Sheet 2 of 3
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - CHC-CH4ALF-03-49R9-CF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC-CH4ALF-03-49R9-D-A IRCTT-CHC-CH4ALF-03-49R9-D-A Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-03-49R9-D-B IRCTT-CHC-CH4ALF-03-49R9-D-B Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-03-49R9-D-D IRCTT-CHC-CH4ALF-03-49R9-D-D Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-03-49R9-D-F IRCTT-CHC-CH4ALF-03-49R9-D-F Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-03-49R9-F-A IRCTT-CHC-CH4ALF-03-49R9-F-A Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
More results

Similar Description - CHC-CH4ALF-03-49R9-CF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC-PRECISION IRCTT-CHC-PRECISION Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
TT Electronics.
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Vishay Siliconix
PRA100 VISHAY-PRA100 Datasheet
249Kb / 4P
   High Precision Resistor Arrays
Revision: 23-Jan-07
PR100 VISHAY-PR100 Datasheet
111Kb / 4P
   High Precision Resistor Arrays
Revision: 10-Apr-08
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
   PRECISION THIN FILM CHIP ARRAYS
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com