Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3L301 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L301
Description  16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3L301 Datasheet HTML 2Page - Texas Instruments TS3L301 Datasheet HTML 3Page - Texas Instruments TS3L301 Datasheet HTML 4Page - Texas Instruments TS3L301 Datasheet HTML 5Page - Texas Instruments TS3L301 Datasheet HTML 6Page - Texas Instruments TS3L301 Datasheet HTML 7Page - Texas Instruments TS3L301 Datasheet HTML 8Page - Texas Instruments TS3L301 Datasheet HTML 9Page - Texas Instruments TS3L301 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TS3L301
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS178B − NOVEMBER 2004 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
Frequency − MHz
1
10
10,000
100
1,000
Gain at 900 MHz, −3 dB
Figure 1. Gain vs Frequency
−120
−100
−80
−60
−40
−20
0
Frequency − MHz
1
10
10,000
100
1,000
Off-Isolation at 250 MHz, −39 dB
Figure 2. Off-Isolation vs Frequency


Similar Part No. - TS3L301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGG TI-TS3L301DGG Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGGE4 TI-TS3L301DGGE4 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGGG4 TI-TS3L301DGGG4 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGGR TI-TS3L301DGGR Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Similar Description - TS3L301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com