Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP249 Datasheet(PDF) 9 Page - Analog Devices

Part # OP249
Description  Precision JFET, High Speed, Dual Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP249 Datasheet HTML 5Page - Analog Devices OP249 Datasheet HTML 6Page - Analog Devices OP249 Datasheet HTML 7Page - Analog Devices OP249 Datasheet HTML 8Page - Analog Devices OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices OP249 Datasheet HTML 11Page - Analog Devices OP249 Datasheet HTML 12Page - Analog Devices OP249 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 8 of 18
35
30
25
20
15
10
5
CAPACITIVE LOAD (pF)
0
100
200
300
400
500
TA = 25°C
VS = ±15V
NEGATIVE
POSITIVE
Figure 12. Slew Rate vs. Capacitive Load
–10
–8
–6
–4
–2
0
2
4
6
8
10
0.01%
0.01%
0.1%
0.1%
TA = 25°C
VS = ±15V
AVCL = 1
SETTLING TIME (ns)
0
200
400
600
800
1000
Figure 13. Step Size vs. Settling Time
100
80
60
40
20
0
TA = 25°C
VS = ±15V
FREQUENCY (Hz)
0
100
1k
10k
Figure 14. Voltage Noise Density vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 10kΩ
AV = 1
Figure 15. Distortion vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 2kΩ
AV = 1
Figure 16. Distortion vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 600Ω
AV = 1
Figure 17. Distortion vs. Frequency


Similar Part No. - OP249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249 AD-OP249 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249ARC/883 AD-OP249ARC/883 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249AZ AD-OP249AZ Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
More results

Similar Description - OP249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249_15 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_07 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com