Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5992D6-S9A1 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5992D6-S9A1
Description  Intel Xeon Processor D-1500 COM Express R3.0 Type 7 Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5992D6-S9A1 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5992D6-S9A1 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5992D6-S9A1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5992
Intel Xeon Processor
D-1500
DDR4 SO-DIMM0
Up to 16GB (A0*)
1 PCIe x1 [#6]
(Port 7 Opt. w/o GbE)
2 10GBase-KR
[#0-1]
6 PCIe x1
[#0-5]
4 USB 2.0
[#0-3]
2 SATA III
DDR4 SO-DIMM1
Up to 16GB (A1)
DDR4 SO-DIMM0
Up to 16GB (B0)
DDR4 SO-DIMM1
Up to 16GB (B1)
PCIe x1
Channel A
Channel B
[#7]
Ethernet
10GbE Side-Band (MDIO/I2C/SDP)
1 PCIe x8
[#0-7]
1 PCIe x16
[#0-15]
4 USB 3.0
[#0-3]
WDT/GPIO/I2C
Serial Port/FAN
PECI
LPC Bus
iManager
EFI BIOS
TPM2.0
SMBus
SPI Bus
GbE LAN
Ordering Information
Part No.
CPU
Core Freq. CPU
TDP
LLC
DDR4
SODIMM
Giga
LAN
10GBase-KR PEG
x16
PCIe
x8
PCIe
x1
USB
2.0
USB
3.0
SATA
III
LPC Power
Thermal
solution
Operating
Temp.
SOM-5992D8-U0A1
Xeon
D-1548
8
2.0
45W
12MB ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992D8-S7A1
Xeon
D-1537
8
1.7
35W
12MB ECC/non ECC
1
2
1
1
8
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992D6-S9A1
Xeon
D-1528
6
1.9
35W
9MB
ECC/non ECC
1
2
1
1
8
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992D4-U2A1
Xeon
D-1527
4
2.2
35W
6MB
ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992P4-S6A1
Pentium
D1517
4
1.6
25W
6MB
ECC/non ECC
1
2
1
1
8
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992P2-U2A1
Pentium
D1508
2
2.2
25W
3MB
ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992D16-S3A1
Xeon
D-1577
16
1.3
45W
24MB ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
0 ~ 60 °C
SOM-5992D12X-S5A1
Xeon
D-1559
12
1.5
45W
18MB ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
-40 ~ 85 °C
SOM-5992D8X-S6A1
Xeon
D-1539
8
1.6
35W
12MB ECC/non ECC
1
2
1
1
7
4
4
2
Yes
AT/ATX
Active
-40 ~ 85 °C
Note: Any other sku or combination is project based support. Please contact sales for details.
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125 x 95 x 33.5 mm with 12V Fan
1960075879N001
Cooler 66 x 60 x 23 mm with 12V Fan
Packing List
Part No.
Description
Quantity
-
SOM-5992 COM module
1
1960081925N001
Heatspreader
1
Development Board
Part No.
Description
SOM-DB5920-00A1
COM-Express Development Board, Type 7 Pin-out
Embedded OS
OS
Part No.
Description
Win10
2070015250
Img Win10 IoT Ent_LTSB 64 bit
*Note: A0 (the higher slot in front side) is the 1st priority for system boot up.


Similar Part No. - SOM-5992D6-S9A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5991 ADVANTECH-SOM-5991 Datasheet
884Kb / 2P
   Intel짰 Xeon짰 Processor D-1500 Product Family COM Express짰 Basic Module Type 6
SOM-5991P2-U2A1E ADVANTECH-SOM-5991P2-U2A1E Datasheet
799Kb / 2P
   Basic Module Type 6
SOM-5991P4-S6A1E ADVANTECH-SOM-5991P4-S6A1E Datasheet
884Kb / 2P
   Intel짰 Xeon짰 Processor D-1500 Product Family COM Express짰 Basic Module Type 6
SOM-5991X8-S7A1E ADVANTECH-SOM-5991X8-S7A1E Datasheet
884Kb / 2P
   Intel짰 Xeon짰 Processor D-1500 Product Family COM Express짰 Basic Module Type 6
SOM-5991X8-U0A1E ADVANTECH-SOM-5991X8-U0A1E Datasheet
884Kb / 2P
   Intel짰 Xeon짰 Processor D-1500 Product Family COM Express짰 Basic Module Type 6
More results

Similar Description - SOM-5992D6-S9A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9590 ADVANTECH-SOM-9590 Datasheet
492Kb / 2P
   Intel Xeon Processor D-1500 COM Express R3.0 Type 7 Module for Ruggedized Application
23-Jul-2021
SOM-5962 ADVANTECH-SOM-5962 Datasheet
997Kb / 2P
   Intel짰 Atom??C3000 Processor COM Express R3.0 Type 7 Module
13-May-2020
logo
AAEON Technology
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
   COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
logo
BCM Advanced Research.
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
   PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
   Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
logo
Adlink Technology Inc.
EXPRESS-BD74 ADLINK-EXPRESS-BD74 Datasheet
446Kb / 4P
   COM Express Basic Size Type 7 Module with Intel Xeon D SoC and 4 SODIMMs
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
   6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Advantech Co., Ltd.
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500 Datasheet
294Kb / 1P
   Processor COM Express Type 6 Module with Intel QM170/HM170
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com