Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5898 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5898
Description  7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5898 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5898 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5898 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
7th Gen Intel Core/Celeron Processors
COM Express Basic Module Type 6
SOM-5898
ƒ 7th Gen Intel Core i7/i5/i3/Celeron + PCH QM175/CM238
ƒ Dual channel DDR4 2400, Max 32GB (ECC optional)
ƒ Support Three independent symmetrical displays (up to 4K)
ƒ Flexible I/O support: Gen3 PEG and PCIe, USB3.0 and SATA3
ƒ Supports iManager, WISE-PaaS/RMM and Embedded Software APIs
Specifications
Compliance
Form-Factor
COM Express Basic Module
Pin-out Type
COM Express R2.1 Type 6 pin out
Processor System
CPU
i7-7820EQ
i5-7440EQ
i5-7442EQ
i3-7100E
i3-7102E
E3-1505MV6
E3-1505LV6
E3-1501MV6
E3-1501LV6
Base Frequency
3.0 GHz
2.9 GHz
2.1 GHz
2.9 GHz
2.1 GHz
3.0 GHz
2.2 GHz
2.9 GHz
2.1 GHz
Max Single Core Turbo Frequency
3.7 GHz
3.6 GHz
2.9 GHz
-
-
4.0 GHz
3.0 GHz
3.6 GHz
2.9 GHz
Cores
4
4
4
2
2
4
4
4
4
Cache
8 MB
6 MB
6 MB
3 MB
3 MB
8 MB
8 MB
6 MB
6 MB
CPU TDP
45W
45W
25W
35W
25W
45W
25W
45W
25W
BIOS
AMI UEFI 128Mbit
Memory
Technology
DDR4 up to 2400MHz
ECC Support
ECC is supported with specific SKU
Max. Capacity
Up to 32GB
Socket
Dual Channel 260P SO-DIMM (1 DIMM per Channel)
Graphics
Controller
Intel Gen 9 low power graphics
Base/Turbo Freq.
350MHz/1GHz
Graphics Memory
Intel DMVT5.0, share memory up to 1024MB
3D/HW Acceleration
HW Codec: H.265/HEVC 8bit/10bit encode/decode ; VP8 8bit encode/decode, VP9 10bit decode ; MPEG2 ; JPEG ; VC1/WMV9.
Direct3D 2015/11.2/11.1/10/9 ; OpenGL5.0 ; OpenCL 2.0/1.2/1.0
Display
VGA
1 port up to 1920 x 1200 @ 60 Hz
LCD
LVDS Dual Channel 18/24-bit, up to 1920 x 1200 @ 60Hz
DDI
2 Port configurable to HDMI1.4/DVI/Displayport1.2
HDMI up to 4096 x 2160@30/24Hz, DVI up to 1920 x 1200@60Hz, DP up to 4096 x 2304 @ 60Hz
Multiple Display
Dual display, Triple display with each display combinations
Expansion
PCI Express x16
1 PCIe x16 configurable to 1 x16, 2 x8, 1 x8 + 2 x4
PCI Express x1
8 PCIe x1, configurable to x4 or x2
Audio Interface
Intel HD Audio Interface
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel I219
Speed
10/100/1000 Mbps
I/O
SATA
4 SATAIII 6.0Gb/s
USB3.0
4 Ports
USB2.0
8 Ports
SPI Bus
Yes
GPIO
8-bit
Watchdog
65536 level, 0~65535 sec
COM Port
2 Ports (2-wire)
Express Card
2 Ports
TPM
Optional TPM2.0 (Infineon SLB9665)
Smart Fan
2 Ports; 1 port on COM module. Support 12V Fan, 1 port on carrier board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V (9V-5%) ~ 20V (19+5%); VSB: 5 +/-5%, RTC Battery: 2.0~3.3V
Power Consumption
Max: 12V @ 48.1W, i7-7820EQ
Idle: 12V @ 6.77W, i7-7820EQ
*Only for reference and will depends on custom software loading, detail refer to user manual
Environment
Temperature
Operating Standard: 0 ~ 60° C (32 ~ 140° F),
Extend: -40 ~ 85° C (-40 ~ 185° F)
Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Software APIs:
Utilities:
Watchdog
GPIO
H/W Monitor
Brightness
Control
I2C
SMBus
Monitoring
BIOS flash
Embedded
Security ID
NEW
All product specifications are subject to change without notice.
Last updated: 19-Sep-2017


Similar Part No. - SOM-5898

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890FG-S1A1E ADVANTECH-SOM-5890FG-S1A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890FG-S1A1E ADVANTECH-SOM-5890FG-S1A1E Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5890FG-S3A1E ADVANTECH-SOM-5890FG-S3A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890FG-S3A1E ADVANTECH-SOM-5890FG-S3A1E Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5898

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-5897 ADVANTECH-SOM-5897 Datasheet
954Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-5897 ADVANTECH-SOM-5897_V01 Datasheet
636Kb / 2P
   6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
DFI Inc
KH960-HM175 DFI-KH960-HM175 Datasheet
838Kb / 2P
   7th Gen Intel Core Processor COM Express Basic
logo
Advantech Co., Ltd.
SOM-6897 ADVANTECH-SOM-6897_17 Datasheet
888Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
   3rd Gen Intel Core COM Express Basic
HM920-QM87 DFI-HM920-QM87 Datasheet
826Kb / 2P
   4th Gen Intel Core COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com