Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5871 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5871
Description  AMD Embedded V-Series V1000 COM Express Basic Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5871 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5871 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5871 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
AMD Embedded V-Series V1000
COM Express Basic Module Type 6
SOM-5871
ƒ COM R3.0 Type 6 Compact Module
ƒ AMD Embedded V-Series V1000
ƒ Dual channel DDR4, Max 32GB (Both ECC & Non-ECC)
ƒ Supports Quad independent symmetrical displays
ƒ Supports up to 4 4K displays (2nd DisplayPort supports up to 8K)
ƒ Rich IO Interfaces-2 SATA, 3 USB3.0, 8 USB 2.0, 2 COM, TPM, CAN Bus
(Optional)
ƒ Supports iManager, WISE-PaaS/RMM and Embedded Software APIs
Specifications
Form Factor
Form Factor
COM Express Basic Module
Pin-out Type
COM Express R3.0 Type 6 pin out
Processor System
CPU
AMD Ryzen Embedded
V1807B
AMD Ryzen Embedded
V1756B
AMD Ryzen Embedded
V1605B
AMD Ryzen Embedded
V1202B
AMD Ryzen Embedded
V1404I
Base Frequency
3.35GHz
3.25GHz
2GHz
2.5GHz
TBD
Turbo Boost Frequency
3.75GHz
3.6GHz
3.6GHz
3.4GHz
TBD
Core/Thread
4/8
4/8
4/8
2/4
4/4
LLC
2M
2M
2M
1M
2M
CPU TDP
35-54W
35-54W
12-25W
12-25W
15W
Memory
Technology
2400/3200 MT/s
ECC Support
Yes
Max. Capacity
32GB
Socket
2 SO-DIMM(dual channel)
Graphics
Controller
Vega Core Architecture
Max. Frequency
1.5GHz
Graphic Memory
TBD
3D/HW Acceleration
H.265 Decode & Encode, VP9 Decode
DirectX® 12/EGL 1.4/OpenCL™ 2.1/OpenGL® ES 1.1, 2.x, and 3.x
OpenGL® Next/OpenGL® 4.6
Display
VGA
1 port up to 1920 x 1200 @ 60 Hz
LCD
LVDS dual channel 18/24-bit LVDS, up to 1920 x 1200 @ 60 Hz
option support eDP1.4, up to 4096 x 2304 @ 60Hz, 24bpp
DDI
2 Port configurable to HDMI1.4/DVI/DisplayPort1.4
HDMI up to 4096 x 2160 @ 30Hz, DVI up to 1920 x 1200 @ 60Hz, DisplayPort up to 3840 x 2160 @ 120Hz
2nd DisplayPort supports up to 8K resolution
Multiple Display
Quad display with each display combinations
Expansion
PCI Express x1
1 PCIex4, 3PCIex1 or 7PCIex1 (optional) via PCIe Bridge
Audio Interface (*For COMe)
HD Audio Interface
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
CAN Bus
Yes (Optional, co-layout with COM2)
Ethernet
Controller
Intel I210 AT/Intel I210 IT
Speed
10/100/1000 Mbps
I/O
SATA
2 SATAIII 6.0Gb/s
USB3.0
3 Ports
USB2.0
8 Ports (optional 6 ports w/o hub)
SPI Bus
Yes
GPIO
8-bit
Watchdog
65536 level, 0~65535 sec
COM Port
2 Ports (2-wire)
TPM
TPM2.0
Smart Fan
2 Ports; 1 port on COM module. Support 12V Fan, 1 port on carrier board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V (9V-5%) ~ 20V (19+5%); VSB: 5 +/-5%, RTC Battery: 2.0~3.3V
Power Consumption
TBD
Environment
Temperature
Operating Standard: 0 ~ 60 °C (32 ~ 140 °F),
Extend: -40 ~ 85 °C (-40 ~ 185 °F)
Storage: -40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Software APIs:
Utilities:
Watchdog
GPIO
H/W Monitor
Brightness
Control
I2C
SMBus
Monitoring
BIOS flash
Embedded
Security ID
Preliminary
All product specifications are subject to change without notice.
Last updated: 27-Feb-2018


Similar Part No. - SOM-5871

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5883 ADVANTECH-SOM-5883 Datasheet
469Kb / 2P
   Intel® 11th Gen Core Processors (Code Name: Tiger Lake-H) (Code Name: Tiger Lake-H)
17-May-2022
SOM-5883C3Q-U4A1 ADVANTECH-SOM-5883C3Q-U4A1 Datasheet
469Kb / 2P
   Intel® 11th Gen Core Processors (Code Name: Tiger Lake-H) (Code Name: Tiger Lake-H)
17-May-2022
SOM-5883C3QA-U4A1 ADVANTECH-SOM-5883C3QA-U4A1 Datasheet
469Kb / 2P
   Intel® 11th Gen Core Processors (Code Name: Tiger Lake-H) (Code Name: Tiger Lake-H)
17-May-2022
SOM-5883C5Q-U6A1 ADVANTECH-SOM-5883C5Q-U6A1 Datasheet
469Kb / 2P
   Intel® 11th Gen Core Processors (Code Name: Tiger Lake-H) (Code Name: Tiger Lake-H)
17-May-2022
SOM-5883C7Q-U6A1 ADVANTECH-SOM-5883C7Q-U6A1 Datasheet
469Kb / 2P
   Intel® 11th Gen Core Processors (Code Name: Tiger Lake-H) (Code Name: Tiger Lake-H)
17-May-2022
More results

Similar Description - SOM-5871

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
   COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
   AMD Embedded R-Series COM Express Basic
logo
Advantech Co., Ltd.
SOM-5781 ADVANTECH-SOM-5781_11 Datasheet
1Mb / 3P
   AMD Turion??M690E COM-Express Basic Module
logo
Adlink Technology Inc.
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-CF ADLINK-EXPRESS-CF Datasheet
515Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-KL ADLINK-EXPRESS-KL Datasheet
278Kb / 4P
   COM Express Basic Size Type 6 Module
logo
Advantech Co., Ltd.
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
   AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com