Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SOM-5871 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. SOM-5871
Description  AMD Embedded V-Series V1000 COM Express Basic Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5871 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5871 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5871 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5871
Ordering Information
Part No.
CPU
Freq.
Cores
CPU TDP
PCH
DDR4 Memory
Thermal Solution
Operating Temperature
TBD
TBD
0 ~ 60 °C
TBD
TBD
0 ~ 60 °C
TBD
TBD
0 ~ 60 °C
Packing List
Part No.
Description
Quantity
-
SOM-5871 CPU Module
1
TBD
Heatspreader
1
Development Board
Part No.
Description
TBD
COMe Devel. Board COMe R3.0 Type6 pint-out
(SOM-DB5830)
Optional Accessories
Part No.
Description
TBD
TBD
AMD Embedded
V-Series V1000
DDI3
DDI3
DDR4 SO-DIMM
OPTIONAL
Analog VGA
HD Audio
5 x USB2.0
USB2.0 Port[0-4]
USB2.0
Port[5]
USB2.0 [6-7]
USB2.0 [5]
USB2.0 [0-4]
PEG x8
GFX x8
DDI1
DDI1
DDI2
PCIe[6-7]
DDI2
DDI3
DDI3
2 x PCIEx1
3 x USB 3.1 ( GEN2 x2, GEN1 x1)
4 x PCIEx1
PCIe Port[0-3]
PCIe[0-3]
SPI Bus
SMBus/I2C
SATA3 Port[0-1]
LPC BUS
SATA [0-1]
DP to VGA
206pin SO-DIMM x 2
DDR4 3200/2400
(Both ECC & Non-ECC)
PCIe Port5
Ethernet
LAN
SVI2
Redriver
PCIe Bridge
TPM 2.0
SPI BIOS
EC
USB Hub
DDI4 eDP
Dual LVDS Channel
eDP to LVDS
18/24bit
OPTIONAL
OPTIONAL
1 x PCIEx1
PCIe Port4
2 x PCIEx1
PCIe[6-7]
WDT / I2C / FAN
RS2 / CAN Bus (Optional)
RS1
GPIO
PCIe[4]
PCIe Bridge
OPTIONAL
OPTIONAL
OPTIONAL
(default HDMI as AUX to VGA used)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn