Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR91101K101KY2LF Datasheet(PDF) 4 Page - TT Electronics.

Part # CR91101K101KY2LF
Description  In-Line Conformal Coated Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CR91101K101KY2LF Datasheet(HTML) 4 Page - TT Electronics.

  CR91101K101KY2LF Datasheet HTML 1Page - TT Electronics. CR91101K101KY2LF Datasheet HTML 2Page - TT Electronics. CR91101K101KY2LF Datasheet HTML 3Page - TT Electronics. CR91101K101KY2LF Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Single-In-Line Conformal Coated
Resistor/Capacitor Networks
CR Series
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Ordering Information
Model Series
No. of Leads:
4 to 14 pins
Circuit Type
Resistance Code:
101 = 100
Resistance Tolerance and TCR:
G = ±2%, TCR = ±100ppm/˚C
J = ±5%, TCR = ±200ppm/˚C
K = ±10%, TCR = ±200ppm/˚C
Capacitance Code:
101 = 100pF
Rated Voltage:
2 = 25Vdc
5 = 50Vdc
1 = 100Vdc
Dielectric Code:
X = X7R: 680pF ~ 47nF
Y = Y5V: 10pF ~ 1,500pF
C = CG (NPO): 10pF ~ 1,500pF
Capacitor Tolerance:
J = ±5%
K = ±10%
M = ±20%
Z = -20% to +80%
CR 9 1 101 J 101 K X
5
CR 10 A 001
Model Series
No. of Leads:
4 to 14
Unique Part Number Assigned by Factory
Circuit Type
Circuit 1
Custom Circuits A to U
, (50V: 100pF to 1µF)
LF
LF: RoHS compliant
LF
LF: RoHS compliant
Single-In-Line Conformal Coated
Resistor/Capacitor Networks
CR Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - CR91101K101KY2LF

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CR900-B DFI-CR900-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR901-B DFI-CR901-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B DFI-CR902-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3120ME DFI-CR902-B3120ME Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3517UE DFI-CR902-B3517UE Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
More results

Similar Description - CR91101K101KY2LF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
TT Electronics.
D8-3C TTELEC-D8-3C Datasheet
310Kb / 4P
   Single-In-Line Conformal Coated Diode Array
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
List of Unclassifed Man...
D72A ETC2-D72A Datasheet
171Kb / 4P
   Single-In-Line Conformal Coated Diode Array
logo
Stackpole Electronics, ...
WRC SEI-WRC Datasheet
255Kb / 4P
   Conformal Coated Welded Wirewound Resistor
11/23/2020
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com