Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-3565M0-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-3565M0-S6A1E
Description  CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-3565M0-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-3565M0-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-3565M0-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-3565
Ordering Information
Part No.
CPU
L2
Cache PCH
LVDS
RAM
SSD
DDI PCIe Giga
LAN
HD
Audio
USB2.0 SATAII LPC
I2C
Bus Power
Thermal
Solution
Operating
Temp.
SOM-3565M0-S6A1E
N2600
1.6 GHz
1 MB
NM10
18-bit
2GB
-
1
3
1
1
8
2
1
1
ATX/AT Passive
0 ~ 60° C
SOM-3565M4-S6A1E
N2600
1.6 GHz
1 MB
NM10
18-bit
2GB
4GB
1
3
1
1
8
1
1
1
ATX/AT Passive
0 ~ 60° C
SOM-3565M0Z-S6A1E
N2600
1.6 GHz
1 MB
NM10
18-bit
2GB
-
1
3
1
1
8
2
1
1
ATX/AT Passive
-20 ~ 80° C
SOM-3565M0Z2-S6A1E N2600
1.6 GHz
1 MB
NM10
18-bit
2GB
-
1
3
1
1
8
2
1
1
ATX/AT Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Development Board
Part Number
Description
SOM-DB3500G-00A1E
Qseven Development Board
Packing List
Part Number
Description
Quantity
CPU module
1
1960057322N001
Heatspreader for regular temp sku
1
1960059823N001
Heatspreader for extended temp sku
Embedded OS
OS
Part No.
Description
WES7E
2070011754
WES7E SP1 32-bts SOM-3565
V5.1.4 ENG
Optional Accessories
Part Number
Description
1960058145N001
Heatsink I-Cedarview-M-12W 70x63x13.2-SC
96LEDK-A084SV45NB2
8.4" LED PANEL 450N 800X600(G) G084SN05 V9
96LEDK-C150XG40NG1
15" LED PANEL 400N 1024X768(G) G150XGE-L04
NM10
Intel N2600 Processor
Ethernet
Giga LAN
82574L
PCIe Port 0~2
HDA
USB 2.0 Port 0~7
PCIe Port 3 (OPTION)
WDT/ I2C/ FAN/ COM
SMBus
SPI BIOS
IMVP 7
DDI Port 1
Single ch. 18bits LVDS
On-board 2GB DDR3 800 MHz Memory
DMI
LPC BUS
SATA Port 1
SATA Port 0
SSD (OPTION)
iManager


Similar Part No. - SOM-3565M0-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
889Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
More results

Similar Description - SOM-3565M0-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3569 ADVANTECH-SOM-3569 Datasheet
931Kb / 2P
   QSeven CPU Module
logo
Beckhoff Automation Gmb...
CX9020 BECKHOFF-CX9020 Datasheet
174Kb / 4P
   Basic CPU module
CX2020 BECKHOFF-CX2020 Datasheet
200Kb / 5P
   Basic CPU module
CX2030 BECKHOFF-CX2030 Datasheet
200Kb / 5P
   Basic CPU module
CX2033 BECKHOFF-CX2033 Datasheet
178Kb / 4P
   Basic CPU module
CX2043 BECKHOFF-CX2043 Datasheet
178Kb / 4P
   Basic CPU module
CX2040 BECKHOFF-CX2040 Datasheet
186Kb / 5P
   Basic CPU module
logo
Advantech Co., Ltd.
SOM-3567 ADVANTECH-SOM-3567 Datasheet
736Kb / 2P
   Processor QSeven CPU Module
logo
Contec Co., Ltd
CPS-MCS341G-DS1-130 CONTEC-CPS-MCS341G-DS1-130 Datasheet
443Kb / 4P
   CPU Module 3G Model
CPS-MCS341-DS1-111 CONTEC-CPS-MCS341-DS1-111 Datasheet
345Kb / 3P
   CPU Module OPC UA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com