Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F528 Datasheet(PDF) 2 Page - TT Electronics.

Part # F528
Description  Dual Function Fuse Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

F528 Datasheet(HTML) 2 Page - TT Electronics.

  F528 Datasheet HTML 1Page - TT Electronics. F528 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Function
Fuse Resistors
F500 Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
F500 Series Issue February 2010 Sheet 2 of 2
Blow Time vs Current Graph
0
5
10
15
20
Blow Time (seconds)
0.01
0.1
1
10
Upper Limit
Rated Steady State Current
Actual Readings
Blown Region
All F 500 Style Fuse Resistors have been tested
and rated for Current v/s Maximum Blow Time
for blow times between 10 msec and 10 sec. A
general illustration is shown. Actual blow time
v/s current data may be obtained with each lot
shipment upon request when ordering.
U.L. Approved Dual Function
Fuse Resistors
Physical Data
0.140 ± 0.015
(3.6 ± 0.4mm)
0.400 Max
(10.2 mm)
Lead
Length
1.25 Min
(31.75mm)
(Lead Diameter #24 Awg)
0.020” (0.5mmA)
Ordering Data
Contact factory for ordering information.
Capability Data
Resistance Range
0.2Ω to 200Ω
Resistance Tolerance
10% STD, 5% and 2%
Operating Temperature
-55°C to +150°C
TCR
±150ppm <1Ω, ±50ppm, 1Ω and above
Construction
Intrinsically safe single fusing element - all welded construction - ceramic bobbin - ceramic
shell, air encapsulated.
Flameproof construction
Various quality assurance data options available, including conditioning and plot of blow
time vs. current.
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - F528

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F528 IRCTT-F528 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
   Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
   Transmit/Receive Half-Duplex IC 25GHz to 31GHz
logo
Integrated Device Techn...
F5280AVGK IDT-F5280AVGK Datasheet
54Kb / 2P
   Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5280AVGK RENESAS-F5280AVGK Datasheet
230Kb / 3P
   Transmit/Receive Half-Duplex IC 25GHz to 31GHz
More results

Similar Description - F528

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F501 IRCTT-F501 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
WF5NC8 KOA-WF5NC8 Datasheet
99Kb / 2P
   thermal fuse built-in resistors
logo
Bourns Electronic Solut...
L21 BOURNS-L21 Datasheet
125Kb / 1P
   Line Feed Resistors w/Thermal Fuse
logo
RCD COMPONENTS INC.
TFV3X110C-R100 RCD-TFV3X110C-R100 Datasheet
76Kb / 1P
   THERMAL FUSE RESISTORS, 1/2W to 60W PERMANENT OR REPLACEABLE FUSE
logo
Littelfuse
ESD52233 LITTELFUSE-ESD52233 Datasheet
530Kb / 2P
   Dedicated - Dual Function
2016 Rev: 1-A-062316
logo
Bourns Electronic Solut...
L11B BOURNS-L11B Datasheet
125Kb / 1P
   Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
logo
Delta Electronics, Inc.
04BEEG3F-R DELTA-04BEEG3F-R Datasheet
694Kb / 1P
   DUAL-FUSE CONNECTOR FILTERS
logo
RCD COMPONENTS INC.
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
   FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
logo
NXP Semiconductors
74AUP1G885 NXP-74AUP1G885 Datasheet
105Kb / 19P
   Low-power dual function gate
Rev. 05-26 June 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com