Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP1X-100-2203-D-7 Datasheet(PDF) 2 Page - TT Electronics.

Part # CHP1X-100-2203-D-7
Description  Official Size Power Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CHP1X-100-2203-D-7 Datasheet(HTML) 2 Page - TT Electronics.

  CHP1X-100-2203-D-7 Datasheet HTML 1Page - TT Electronics. CHP1X-100-2203-D-7 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metal Glaze™ Cylindrical
Official Size Power Resistor
CHP1X Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
Metal Glaze™ Cylindrical
Official Size
Power Resistor
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
120
100
80
60
40
20
0
Ambient Temperature (°C)
Applied Power
(Watts)
120
100
80
60
40
20
0
0.00
0.25
0.50
0.75
1.00
1.25
Resistor Hot Spot
Solder Joint
Temperature Rise Chart
1.0E - 04
1.0E - 03
1.0E - 02
1.0E - 01
1.0E + 00
Surge or Pulse Duration (seconds)
100,000
10,000
1,000
100
10
1
Non/Low Repetitive Surge Curve
Repetitive Surge Curve
1.0E - 04
1.0E - 03
1.0E - 02
1.0E - 01
1.0E + 00
Surge or Pulse Duration (Seconds)
1,000.00
100.00
10.00
1.00
CHP1X Series Issue September 2008 Sheet 2 of 2
Sample Part No.
IRC Type
(CHP 1X)
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%; D = 0.5%; F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Ordering Data
CHP 1X - 100 - 2203 - F - 13
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - CHP1X-100-2203-D-7

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP1X-100-2203-D-7 IRCTT-CHP1X-100-2203-D-7 Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
More results

Similar Description - CHP1X-100-2203-D-7

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS5C122J KOA-MOS5C122J Datasheet
293Kb / 3P
   reduced size metal oxide power type leaded resistor
MOS12CT52A103J KOA-MOS12CT52A103J Datasheet
264Kb / 2P
   reduced size metal oxide power type leaded resistor
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com