Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP1/8 Datasheet(PDF) 3 Page - TT Electronics.

Part # CHP1/8
Description  Cylindrical High Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CHP1/8 Datasheet(HTML) 3 Page - TT Electronics.

  CHP1/8 Datasheet HTML 1Page - TT Electronics. CHP1/8 Datasheet HTML 2Page - TT Electronics. CHP1/8 Datasheet HTML 3Page - TT Electronics. CHP1/8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC
Type
Size
Code
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
CHP 1/8
MRC 1/2
B
C
1206
7″
2,500 max.
8mm
4mm
13″
10,000 max.
CHP 1/2
MRC 1
D
E
2010
7″
1,500 max.
12mm
4mm
13″
5,000 max.
CHP 1
F
2512
7″
1,500 max.
12mm
4mm
13″
5,000 max.
CHP 2
H
3610
13″
1,500 max.
24mm
4mm
*The 13″ reel is considered standard and will be supplied unless otherwise specified.
Sample Part No.
IRC Type
(CHP 1/8, CHP 1/2, CHP 1, or CHP 2)
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Lead Free Construction
Ordering Data
CHP 1 - 100
2203
F
13 LF
30 40 50 60 70 80 90 100 110 120 130 140 150
100
80
60
40
20
0
Ambient Temperature (°C)
CHP 1/8, 1/2, 1
CHP 2
Power Derating Curve
Repetitive Surge Curve
0.0001
0.0010
0.0100
0.1000
1.0000
.1msec
1msec
10msec
100msec
10000msec
Surge or Pulse Duration (seconds)
CHP 1
CHP 2
CHP 1/8
1000
100
10
1
Note: Use for repetitive pulses where the average power dissipation is
not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
CHP
Cylindrical High Power
Surface Mount Metal GlazeTM
Standard Reel Packaging per EIA-481:
CHP Series Issue March 2011 Sheet 3 of 3
Cylindrical High Power
Surface Mount Metal Glaze™
CHP Series
05.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - CHP1/8

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP1/8 WELWYN-CHP1/8 Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1/8-100-1000-C-13-LF IRCTT-CHP1/8-100-1000-C-13-LF Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
CHP1/8-100-1000-C-7-LF IRCTT-CHP1/8-100-1000-C-7-LF Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
CHP1/8-100-1000-C-BLK-LF IRCTT-CHP1/8-100-1000-C-BLK-LF Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
CHP1/8-100-1000-D-13-LF IRCTT-CHP1/8-100-1000-D-13-LF Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
More results

Similar Description - CHP1/8

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GCX39 GOLLEDGE-GCX39 Datasheet
58Kb / 1P
   High Frequency Cylindrical Crystal
logo
Kyocera Kinseki Corpota...
SCC KSS-SCC Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
logo
TT Electronics.
OVLLB8C7 TTELEC-OVLLB8C7 Datasheet
337Kb / 9P
   Cylindrical High-Intensity LED
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
logo
Golledge Electronics Lt...
GCX-39 GOLLEDGE-GCX-39 Datasheet
535Kb / 4P
   High Frequency Cylindrical Leaded Crystal
logo
RCD COMPONENTS INC.
RH2P-1001 RCD-RH2P-1001 Datasheet
66Kb / 1P
   HIGH VALUE & HIGH VOLTAGE CYLINDRICAL RESISTORS
logo
OPTEK Technologies
OVLLG8C7 OPTEK-OVLLG8C7 Datasheet
576Kb / 4P
   Cylindrical High-Intensity Green LED
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
   Cylindrical High-Intensity Yellow LED
logo
Vishay Siliconix
GLIA VISHAY-GLIA_11 Datasheet
198Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
GLI VISHAY-GLI_11 Datasheet
275Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com