Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT-173.250-TX1 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # DXT-173.250-TX1
Description  DX series remote control boards
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXT-173.250-TX1 Datasheet(HTML) 4 Page - Radiometrix Ltd

  DXT-173.250-TX1 Datasheet HTML 1Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 2Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 3Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 4Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 5Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 6Page - Radiometrix Ltd DXT-173.250-TX1 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 4
Ordering Information
Part No.
Version
Frequency band
DXR-173.250-RX1
RX1 fitted decoder
173.250MHz
DXT-173.250-TX1
TX1 fitted encoder
173.250MHz
DXR-434.650-NRX2B
NRX2B fitted decoder
434.650MHz
DXT-434.650-NTX2B
NTX2B fitted encoder
434.650MHz
DXR-433-RX2A
RX2A fitted decoder
433.92MHz
DXT-433-TX2A
TX2A fitted encoder
433.92MHz
DXR-869-RX3A
RX3A fitted decoder
869.85MHz
DXT-869-TX3B
TX3B fitted encoder
869.85MHz
DX series encoder and decoder boards can be supplied with any SIL pinout transmitters (TX1, NTX2,
TX2A, TX3A, TX3B etc.) and receivers (NRX1, NRX2, RX2A, RX2G, RX3A, RX3G, WRX2, RX2B)


Similar Part No. - DXT-173.250-TX1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003DG DIODES-DXT13003DG Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003DG-13 DIODES-DXT13003DG-13 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
DXT13003DK DIODES-DXT13003DK Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
More results

Similar Description - DXT-173.250-TX1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88_12 Datasheet
1Mb / 16P
   CTA88 Remote Control Application Boards
BD118 RADIOMETRIX-BD118 Datasheet
97Kb / 5P
   Bi-directional RF Remote Control application boards
BL118 RADIOMETRIX-BL118 Datasheet
334Kb / 7P
   Bi-directional low power RF Remote Control boards
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
logo
M-System Co.,Ltd.
R3-RR8 MSYSTEM-R3-RR8 Datasheet
159Kb / 7P
   Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
logo
Linx Technologies
LICAL-ENC-MS001 LINX-LICAL-ENC-MS001 Datasheet
951Kb / 11P
   MS Series Remote Control Encoder
2015
LICAL-DEC-MS001 LINX-LICAL-DEC-MS001 Datasheet
888Kb / 11P
   MS Series Remote Control Decoder
2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com