Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXR1-173-1 Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # CXR1-173-1
Description  Multi channel 25kHz NBFM remote control TX/RX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CXR1-173-1 Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button CXR1-173-1 Datasheet HTML 4Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 5Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 6Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 7Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 8Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 9Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 10Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 11Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 12Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Radiometrix Ltd
CXT/CXR – Multi channel Remote Controller Data Sheet
page 11
APPENDIX:
CXT2-433-1 & CXR2-433-1 Application boards


Similar Part No. - CXR1-173-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXR1-173-1 RADIOMETRIX-CXR1-173-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
More results

Similar Description - CXR1-173-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
NIM2B RADIOMETRIX-NIM2B Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
NIM1B RADIOMETRIX-NIM1B Datasheet
197Kb / 13P
   Frequency Programmable 25kHz NBFM VHF Transceiver
AIM1 RADIOMETRIX-AIM1 Datasheet
298Kb / 9P
   Frequency Programmable 25kHz NBFM VHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com