Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWA3-869.85-9 Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # DWA3-869.85-9
Description  Transparent Data Link on 868/914MHz band
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DWA3-869.85-9 Datasheet(HTML) 2 Page - Radiometrix Ltd

  DWA3-869.85-9 Datasheet HTML 1Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 2Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 3Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 4Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 5Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 6Page - Radiometrix Ltd DWA3-869.85-9 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Radiometrix Ltd
DWA3 Data Sheet
page 2
Pin description
Pin
Name
Function
1
GND
Ground
2
Vcc
5V regulated power supply (4.75 - 5.25v)
3
ENABLE
Pull low to enable module
4
SETUP
Pull low to enter Test/Setup mode (5V CMOS logic. Pull up to 5V)
5
TXD
Transmit Data (Inverted RS232 in at 5V CMOS logic, No pullup)
6
NC
No Pin
7
RXD
Receive Data (Inverted RS232 output at 5V CMOS logic output)
8
STATUS
RX Busy, Data in receive buffer (5V CMOS logic output)
9
GND
Ground
NOTE:
1. ENABLE and SETUP have 10K pullups to Vcc. TXD has none (if used in RX only, tie this pin to +5v)
2. Vcc must be a 5v regulated supply (4.75 - 5.25v)
3. Pinout is as TDL2A. (It is, however, longer than 33mm, with a ceramic patch antenna replacing the
RF pins)
3. TXD / RXD are inverted RS232 at 5v cmos levels. To connect to a true RS232 device, inverting level
shifters must be used (MAX232 type are ideal, but simple NPN transistor switches with pullups often
suffice). With typical microcontrollers and uarts, direct connection is possible.
3a DWA3 is compatible with the TDi2 interface board (which provides a MAX232 type buffer, 9 way D
connector, 5v voltage regulator and support circuits) provided the SMA RF connector is not fitted. This
board is 61mm x 33mm in size.
4. Rx_busy pin goes high when valid data is present in the receive buffer.
5. The DWA3 provides a half duplex link, but provided no two devices attempt to transmit at one time
(a 'low' on RX_busy may be used as a primitive 'CTS' indication) no further restrictions on data
transmission need be made, as all transmit timing, valid data identification and datastream buffering
is conducted by the unit. There is no 'transmit enable' pin.
Sync and framing words in the packet prevent the receiver outputting garbage in the absence of signal
or presence of interference.
6. A simple addressing structure is included in the datastream. Units may be programmed onto one of
eight addresses (all units are supplied set to default addr=0)
7. DWA3 uses a BiM3 series transceiver module (e.g. BiM3A-914-64, BiM3B-869-64) and the cpu
circuitry of the TDL3F
8. This unit is programmed exactly as a TDL2A, with the channel select commands being ignored.
Figure 2: DWA3 footprint (top view)


Similar Part No. - DWA3-869.85-9

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DWA-50-100-Y FESTO-DWA-50-100-Y Datasheet
84Kb / 2P
   Hinge cylinder
DWA-50-100-Y-A FESTO-DWA-50-100-Y-A Datasheet
88Kb / 2P
   Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
   Hinge cylinder
DWA-50-100-Y-AB FESTO-DWA-50-100-Y-AB Datasheet
84Kb / 2P
   Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
   Hinge cylinder
More results

Similar Description - DWA3-869.85-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL3F RADIOMETRIX-TDL3F Datasheet
318Kb / 10P
   Transparent Data Link on 868/914MHz band
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
FPL3 RADIOMETRIX-FPL3 Datasheet
587Kb / 8P
   High power Multichannel 869MHz band Data Link
logo
Suntsu Electronics, Inc...
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
   ISM 433/868/915 Band
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
   ISM 433/868/915 Band
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com