Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWA3 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # DWA3
Description  Transparent Data Link on 868/914MHz band
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DWA3 Datasheet(HTML) 5 Page - Radiometrix Ltd

  DWA3 Datasheet HTML 1Page - Radiometrix Ltd DWA3 Datasheet HTML 2Page - Radiometrix Ltd DWA3 Datasheet HTML 3Page - Radiometrix Ltd DWA3 Datasheet HTML 4Page - Radiometrix Ltd DWA3 Datasheet HTML 5Page - Radiometrix Ltd DWA3 Datasheet HTML 6Page - Radiometrix Ltd DWA3 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
DWA3 Data Sheet
page 5
Serial data should be in the following format:
1 start bit, 8 data bits, no parity, 1 or 2 stop bits
9600bps
0V=low, 5V=high
STATUS pin can be connected to one of the port pins which can generate an interrupt on low-to-high
transition (e.g. RB0/INT pin in the PIC). This can be used to enter a receive sub-routine to download
data received from remote DWA3. Therefore, the host does not need to wait in a loop for a packet.
Range test and site survey can be carried out by connecting an LED on the STATUS pin. Every time,
DWA3 is within range to receive valid data, the LED will flicker.
Interfacing DWA3 to an RS232 port
Figure 6: DWA3 interfaced to an RS232 port via an RS232 line driver/receiver
STATUS pin in this can be connected to CTS, DSR and DCD pin to simulate a flow control signal.
DWA3 is capable of continuously streaming data at 9600bps. Therefore, STATUS pin is not asserted to
stop the Host from sending data as in normal RTS/CTS flow control method, but merely to warn the
host that there is already data in the receive buffer which need to be downloaded before sending any
more data.
Some DTE hosts assert DTR signal when they are active and this can be used via RS232 line receiver to
enable DWA3. Otherwise the ENABLE must be physically pulled-low to activate the DWA3.
NOTE:
An interface board (with MAX232 type buffer, 9 way D connector, 5V voltage regulator and SMA RF
connector) is available. This board is 61mm x 33mm in size.


Similar Part No. - DWA3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DWA-50-100-Y FESTO-DWA-50-100-Y Datasheet
84Kb / 2P
   Hinge cylinder
DWA-50-100-Y-A FESTO-DWA-50-100-Y-A Datasheet
88Kb / 2P
   Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
   Hinge cylinder
DWA-50-100-Y-AB FESTO-DWA-50-100-Y-AB Datasheet
84Kb / 2P
   Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
   Hinge cylinder
More results

Similar Description - DWA3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL3F RADIOMETRIX-TDL3F Datasheet
318Kb / 10P
   Transparent Data Link on 868/914MHz band
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
FPL3 RADIOMETRIX-FPL3 Datasheet
587Kb / 8P
   High power Multichannel 869MHz band Data Link
logo
Suntsu Electronics, Inc...
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
   ISM 433/868/915 Band
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
   ISM 433/868/915 Band
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com