Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM17PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FSM17PL
Description  1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FSM17PL Datasheet(HTML) 2 Page - Micro Commercial Components

  FSM17PL Datasheet HTML 1Page - Micro Commercial Components FSM17PL Datasheet HTML 2Page - Micro Commercial Components FSM17PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1
Typical Reverse Characteristics
PERCENT OF PATED PEAK REVERSE VOLTAGE,(%)
0.04
0.1
1.0
0.4
0
20
40
60
80
100
120
140
0.01
4.0
10
100
Figure 4
TYPICAL CAPACITANCE
REVERSE VOLTAGE,(V)
1
0
10
5
Figure 3
Number Of Cycles At 60Hz - Cycles
NON-REPETITIVE FORWARD SURGE CURRENT
2
5
100
20
50
10
30
35
20
0.1 0.2 0.4
1.0
2.0
4.0
10 20
100
40
1
2
10
20
100
200
0
.2
.4
.6
.8
1.0
1.2 1.4
1.6
1.8
INTANTANEOUS FORWARD VOLTAGE (V)
Figure 2
TYPICAL INTANTANEOUS FORWARD
0
.01
0.1
1.0
10
CHARACTERISTICS
TJ=100
TJ=25
Micro Commercial Components
MCC
TM
FSM11PL-FSM1
7PL
Revision: C
2013/01/01
OC
OC
www.mccsemi.com
2 of 3


Similar Part No. - FSM17PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM17PL MCC-FSM17PL Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Nanjing International G...
FSM17PL DGNJDZ-FSM17PL Datasheet
106Kb / 2P
   For Surface Mount Application
logo
SUNMATE electronic Co.,...
FSM17PL SUNMATE-FSM17PL Datasheet
310Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Nanjing International G...
FSM17PL DGNJDZ-FSM17PL Datasheet
302Kb / 2P
   1.0 Amp Fast Recover Rectifier
More results

Similar Description - FSM17PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
1F1 MCC-1F1 Datasheet
89Kb / 2P
   1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
1F1 MCC-1F1_13 Datasheet
453Kb / 3P
   1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
1F1 MCC-1F1_11 Datasheet
427Kb / 3P
   1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
   1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
   1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com