Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR507GP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FR507GP
Description  5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR507GP Datasheet(HTML) 2 Page - Micro Commercial Components

  FR507GP Datasheet HTML 1Page - Micro Commercial Components FR507GP Datasheet HTML 2Page - Micro Commercial Components FR507GP Datasheet HTML 3Page - Micro Commercial Components FR507GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FR501GP thru FR507GP
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1.0
2.0
3.0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4.0
5.0
6.0
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
12
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
MCC
Revision: A
2015/03/12
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - FR507GP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR507 EIC-FR507 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
FR507 YFWDIODE-FR507 Datasheet
430Kb / 3P
   Fast Recovery Silicon Rectifiers
logo
Galaxy Semi-Conductor H...
FR507 BILIN-FR507 Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
FR507 SEMTECH_ELEC-FR507 Datasheet
335Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
FR507 SYNSEMI-FR507 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - FR507GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com