Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVPD-034M-50-155.520 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CVPD-034M-50-155.520
Description  Voltage Controlled Crystal Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CVPD-034M-50-155.520 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CVPD-034M-50-155.520 Datasheet HTML 1Page - CRYSTEK CORPORATION CVPD-034M-50-155.520 Datasheet HTML 2Page - CRYSTEK CORPORATION CVPD-034M-50-155.520 Datasheet HTML 3Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CVPD-034 LVPECL
Voltage Controlled Crystal Oscillator
5×7mm SMD
3.3 Volts
C
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Date: 19-Jan-2017
Rev: AB
Page 2 of 3
Frequency Range:
Frequency Pulling (APR*) Min:
Temperature Range: (standard)
(Option M)
(Option X)
Storage:
Input Voltage:
Control Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Linearity:
Logic: Terminated to Vdd-2V into 50 Ω
Temp. 0°C to 85°C
Temp. -40°C to 0°C
Disable Time:
Enable Time:
Phase Jitter: 12 kHz~80 MHz
Phase Noise: 10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Sub-harmonics:
Aging:
77.760 MHz to 200.000 MHz
±50ppm
0°C to +70°C
-20°C to +70°C
-40°C to +85°C
-45°C to +90°C
3.3V ±5%
1.65V ±1.65V
55mA Typical, 88mA Max
Differential LVPECL
45/55% Max @ zero crossing point
1ns Max (20% to 80%)
±10% Max
“0”=1.490 Min, 1.680 Max
“1”=2.275 Min, 2.420 Max
“0”=1.490 Min, 1.745 Max
“1”=2.215 Min, 2.420 Max
200ns Max
20us Max
0.5ps Typical, 1ps RMS Max
-70 dBc/Hz Typical
-98 dBc/Hz Typical
-125 dBc/Hz Typical
-145 dBc/Hz Typical
-149 dBc/Hz Typical
None
<5ppm 1st year, <2ppm every year thereafter
* Inclusive of calibration, frequency stability, and aging
Specifications subject to change without notice.


Similar Part No. - CVPD-034M-50-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVPD-034M-50-155.520 CRYSTEKCRYSTAL-CVPD-034M-50-155.520 Datasheet
611Kb / 3P
   Voltage Controlled Crystal Oscillator 5x7mm SMD 3.3 Volts
More results

Similar Description - CVPD-034M-50-155.520

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com