Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46532 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 18Page - Dialog Semiconductor SLG46532 Datasheet HTML 19Page - Dialog Semiconductor SLG46532 Datasheet HTML 20Page - Dialog Semiconductor SLG46532 Datasheet HTML 21Page - Dialog Semiconductor SLG46532 Datasheet HTML 22Page - Dialog Semiconductor SLG46532 Datasheet HTML 23Page - Dialog Semiconductor SLG46532 Datasheet HTML 24Page - Dialog Semiconductor SLG46532 Datasheet HTML 25Page - Dialog Semiconductor SLG46532 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
SLG46532_DS_108
Page 21 of 183
SLG46532
tpd
Delay
ACMP (5 mV across inputs)
3000
3000
2000
2000
2000
2000
ns
tw
width
I/O with 1X push pull (min trans-
mitted)
20
20
20
20
20
20
ns
tw
width
filter (min transmitted)
150
150
55
55
35
35
ns
Table 2. Typical Delay estimated for each block
Symbol Parameter
Note
VDD/VDD2 = 1.8 V VDD/VDD2 = 3.3V
VDD/VDD2 = 5.0V Unit
rising
falling
rising
falling
rising
falling


Similar Part No. - SLG46532

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

Similar Description - SLG46532

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com