Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46532 Datasheet(PDF) 93 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 93 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 89Page - Dialog Semiconductor SLG46532 Datasheet HTML 90Page - Dialog Semiconductor SLG46532 Datasheet HTML 91Page - Dialog Semiconductor SLG46532 Datasheet HTML 92Page - Dialog Semiconductor SLG46532 Datasheet HTML 93Page - Dialog Semiconductor SLG46532 Datasheet HTML 94Page - Dialog Semiconductor SLG46532 Datasheet HTML 95Page - Dialog Semiconductor SLG46532 Datasheet HTML 96Page - Dialog Semiconductor SLG46532 Datasheet HTML 97Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 184 page
background image
SLG46532_DS_108
Page 92 of 183
SLG46532
9.9 Wake and Sleep controller (WS)
The SLG46532 has a Wake and Sleep function for all ACMPs. The macrocell CNT/DLY0 can be reconfigured for this purpose
reg<1319:1318>=11 and reg<1495>=1. The WS serves for power saving, it allows to switch on and off selected ACMPs on
selected bit of 16-bit counter.
To use any ACMP under WS controller the following settings must be done:
ACMP Power Up Input from matrix = 1 (for each ACMP separately)
CNT/DLY0 must be set to Wake and Sleep Controller function (for all ACMPs)
Register WS => enable (for each ACMP separately)
CNT/DLY0 set/reset input = 0 (for all ACMPs)
As the OSC any oscillator with any pre divider can be used. The user can select a period of time while the ACMPs are sleeping
in a range of 1 - 65535 clock cycles. Before they are sent to sleep their outputs are latched so the ACMPs remain their state (High
or Low) while sleeping.
WS controller has the following settings:
Wake and Sleep Output State (High/Low)
If OSC is powered off (Power Down option is selected; power down input = 1) and Wake and Sleep Output State = High, the
ACMP is continuously on
Figure 37. WS controller
OSC
CK_OSC
WS_PD
000:/1
001:/4
010:/12
011:/24
100:/64
cnt_end
WS out
WS_PD
Power Control
From Connection
Matrix Output<58>
Analog
Control
Block
reg<1316:1314>
WS_PD to W&S out state selection block
WS clock freq.
selection
reg<1591:1576>
WS ratio control data
reg<1494>
WS out state for OSC off
ACMPs_pdb
WS out
bg/regulator pdb
WS time selection
reg<1489>
ACMP0..3 OUT
To Connection
Matrix Input
<60:57>
From Connection
Matrix Output <54:51>
reg<1493:1490>
ACMP WS enable
WS out
Latchs
Note: WS_PD is High at WS OSC (25 KHz/2MHz OSC) power down
WS Controller
CNT0 out
To Connection Matrix Input <22>
ck
CNT
4
4
4
4
4
ACMPs_pdb
+
-


Similar Part No. - SLG46532

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

Similar Description - SLG46532

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com