Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7049-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7049-3
Description  3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7049-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7049-3_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7049-3_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7049-3_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
1.36 in [34.54 mm]
Width/Diameter
0.58 in [14.73 mm]
.
Weight
0.041 lbs [18.6 g]
Body Material and Plating
Brass, Nickel
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Female
Connector Specification
MIL-STD-348
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Brass, Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body Rated to 2 Watts Up to 4 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body Rated to 2 Watts Up to 4
GHz
PE7049-3
URL: http://www.pasternack.com/3db-fixed-bnc-male-bnc-female-2-watts-attenuator-pe7049-3-p.aspx
PE7049-3 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7049-3
3 dB Fixed Attenuator, BNC Male to BNC Female
Brass Nickel Body Rated to 2 Watts Up to 4 GHz


Similar Part No. - PE7049-3_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7049-30 PASTERNACK-PE7049-30 Datasheet
215Kb / 3P
   30 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-30 PASTERNACK-PE7049-30 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-30 PASTERNACK-PE7049-30_16 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

Similar Description - PE7049-3_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7000-3 PASTERNACK-PE7000-3_16 Datasheet
264Kb / 5P
   3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-2 PASTERNACK-PE7000-2_16 Datasheet
264Kb / 5P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-10 PASTERNACK-PE7049-10_16 Datasheet
226Kb / 3P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-1 PASTERNACK-PE7049-1_16 Datasheet
226Kb / 3P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-30 PASTERNACK-PE7049-30_16 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-1 PASTERNACK-PE7000-1_16 Datasheet
263Kb / 5P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-6 PASTERNACK-PE7049-6_16 Datasheet
226Kb / 3P
   6 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-2 PASTERNACK-PE7049-2_16 Datasheet
226Kb / 3P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10_16 Datasheet
265Kb / 5P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-20 PASTERNACK-PE7049-20_16 Datasheet
226Kb / 3P
   20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com