Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB49062L11Z Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB49062L11Z
Description  Slotted Optical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB49062L11Z Datasheet(HTML) 3 Page - TT Electronics.

  OPB49062L11Z Datasheet HTML 1Page - TT Electronics. OPB49062L11Z Datasheet HTML 2Page - TT Electronics. OPB49062L11Z Datasheet HTML 3Page - TT Electronics. OPB49062L11Z Datasheet HTML 4Page - TT Electronics. OPB49062L11Z Datasheet HTML 5Page - TT Electronics. OPB49062L11Z Datasheet HTML 6Page - TT Electronics. OPB49062L11Z Datasheet HTML 7Page - TT Electronics. OPB49062L11Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Storage & Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron](1)
260°C
Supply Voltage, VCC (not to exceed 3 seconds)
18 V
Diode Forward DC Current
40 mA
Diode Reverse DC Voltage
2 V
Input Diode Power Dissipation
(2)
75 mW
Voltage at Output Lead (Open Collector Output)
25 V
Output Photologic® Power Dissipation
(3)
200 mW
Total Device Power Dissipation
(4)
275 mW
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 1.67 mW/°C above 25° C (OPB460, OPB470) or derate linearly 1.82 mW/°C above 25° C (OPB480, OPB490).
(3)
Derate linearly 1.50 mW/°C above 25° C (OPB460, OPB470) or derate linearly 1.64 mW/°C above 25° C(OPB480, OPB490).
(4)
Derate linearly 3.17 mW/°C above 25° C (OPB460, OPB470) or derate linearly 3.45 mW/°C above 25° C (OPB480, OPB490).
(5)
The OPB460/OPB470 series are terminated with 0.020” square leads designed for printed circuit board mounting.
(6)
The OPB480/OPB490 series of switches are terminated with 24” (609.600 mm) of 7-strand 26 AWG, UL rated insulated wire on each terminal.
Insulation colors and functions are: red (anode), black (cathode), white (VCC,), blue (output) and green (ground). Other wire lengths and/or
colors in addition to customer selected connectors are available. Contact your local representative or call the factory.


Similar Part No. - OPB49062L11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB490 OPTEK-OPB490 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490 OPTEK-OPB490 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
OPB490L11 OPTEK-OPB490L11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490N11 OPTEK-OPB490N11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490P11 OPTEK-OPB490P11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
More results

Similar Description - OPB49062L11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com