Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB981T11Z Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB981T11Z
Description  Slotted Optical Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB981T11Z Datasheet(HTML) 3 Page - TT Electronics.

  OPB981T11Z Datasheet HTML 1Page - TT Electronics. OPB981T11Z Datasheet HTML 2Page - TT Electronics. OPB981T11Z Datasheet HTML 3Page - TT Electronics. OPB981T11Z Datasheet HTML 4Page - TT Electronics. OPB981T11Z Datasheet HTML 5Page - TT Electronics. OPB981T11Z Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TABLE 2
Wire Color
Function
Red
Anode
Black
Cathode
White
Vcc
Blue
Output
Green
Ground
Notes:
(7) Wire is 26AWG, UL Rated PVC insulation.
(8) Ideal torque for bolt or screw 0,45 to 0,68 Nm ( 4 to 6 Lb-in ).
(9) When using a thread lock compound, ND Industries ”ND Vibra-Tite
® Formula 3” will avoid stress cracking plastic.
(10) Plastic is soluble in chlorinated hydrocarbons and ketones. Methanol or isopropanol are recommended as cleaning agents.
APERTURE WIDTH GUIDE
CODE
LED
SENSOR
55
.050” [1.27mm]
.050” [1.27mm]
51
.050” [1.27mm]
.010” [0.25mm]
11
.010” [0.25mm]
.010” [0.25mm]
Lengths are .050” [1.27mm]
PACKAGE OUTLINE for OPB980 and OPB990 Series


Similar Part No. - OPB981T11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB981T11Z OPTEK-OPB981T11Z Datasheet
204Kb / 7P
   Photologic Slotted Optical Switch
More results

Similar Description - OPB981T11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com