Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB48091T11Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB48091T11Z
Description  Slotted Optical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB48091T11Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB48091T11Z Datasheet HTML 1Page - TT Electronics. OPB48091T11Z Datasheet HTML 2Page - TT Electronics. OPB48091T11Z Datasheet HTML 3Page - TT Electronics. OPB48091T11Z Datasheet HTML 4Page - TT Electronics. OPB48091T11Z Datasheet HTML 5Page - TT Electronics. OPB48091T11Z Datasheet HTML 6Page - TT Electronics. OPB48091T11Z Datasheet HTML 7Page - TT Electronics. OPB48091T11Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum
flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify
the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460
through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have
24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as
buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up
to 10 TTL loads.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Applications:
 Mechanical switch replacement
 Speed indication (tachometer)
 Mechanical limit indication
 Edge sensing
 Choice of pins or wires mounting configuration
 Choice of aperture
 Choice of output configuration
 Choice of opaque or IR transmissive shell material
 Data rates to 250 kBaud
 Low power consumption
OPTEK Assembly
Photologic™ Sensor Family
Discrete Housing Material:
6 — Transmissive Shell, PCBoard Mountable
7 — Opaque Shell, PCBoard Mountable
8 — Transmissive Shell, Wire Termination
9 — Opaque Shell, Wire Termination
Electrical Specifications:
0 — Buffered 10 kΩ Output
1 — Buffered Open-Collector Output
2 — Inverted 10 kΩ Output
3 — Inverted Open-Collector Output
All PCBoard Versions RoHS Compliant:
Z = Wire Version RoHS Compliant
Sensor Aperture:
1 = 0.010” [0.25 mm]
Emitter Aperture:
1 = 0.010” [0.25 mm]
Mounting Configurations:
L — Emitter side mounting tab only
N — No mounting tabs
P — Sensor side mounting tab only
T — Two mounting tabs
Part Number Guide — OPB460, OPB470, OPB480, OPB490 Series
OPB 4 X X X 1 1 X
RoHS


Similar Part No. - OPB48091T11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB480 OPTEK-OPB480 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480 OPTEK-OPB480 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
OPB480L11 OPTEK-OPB480L11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480N11 OPTEK-OPB480N11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480P11 OPTEK-OPB480P11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
More results

Similar Description - OPB48091T11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com