Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB963P11Z Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB963P11Z
Description  Slotted Optical Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB963P11Z Datasheet(HTML) 5 Page - TT Electronics.

  OPB963P11Z Datasheet HTML 1Page - TT Electronics. OPB963P11Z Datasheet HTML 2Page - TT Electronics. OPB963P11Z Datasheet HTML 3Page - TT Electronics. OPB963P11Z Datasheet HTML 4Page - TT Electronics. OPB963P11Z Datasheet HTML 5Page - TT Electronics. OPB963P11Z Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Input Diode (See OP140 / OP240 LED for additional information)
VF
Forward Voltage
-
-
1.70
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2.0 V, TA = 25° C
Coupled (See OPL560 Detector for additional information)
VCC
Operating D.C. Supply Voltage
4.5
-
16
V
ICC
Supply Current
-
-
12
mA
VCC = 4.5V to 16V
VOL
Low Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
Buffer Open-Collector OPB961,OPB971
OPB981,OPB991
-
-
0.4
V
VCC = 4.5V, IOL = 12.8mA
IF = 0 mA
(14)
Inverter Totem-Pole
OPB962,OPB972
OPB982,OPB992
Inverter Open-Collector OPB963,OPB973
OPB983,OPB993
VCC = 4.5V, IOL = 12.8mA
IF = 15 mA
VOH
High Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
VCC -2.1
-
-
V
VCC = 4.5V to 16V, IOH = 800µA
IF = 15 mA
Inverter Totem-Pole OPB962,OPB972
OPB982,OPB992
VCC = 4.5V to 16V, IOH = 800µA
IF = 0 mA
(14)
IOH
High Level Output Current:
Buffer Open-Collector OPB961,OPB971
OPB981,OPB991
-
-
100
VCC = 4.5V to 16V, VOH = 30V
IF = 15 mA
µA
Inverter Open-Collector
OPB963,OPB973
OPB981,OPB991
VCC = 4.5V to 16V, VOH = 30V
IF = 0 mA
(14)
IF(+)
LED Positive-Going Threshold Current
(16)
-
-
15
mA
VCC = 5.0V, TA = 25° C
IF(+) / IF(-) Hysteresis Ratio
-
1.5
-
-
VCC = 5.0V
tR, tF
Output Rise Time, Output Fall Time
-
70
-
ns
VCC = 5.0V, IF peak= 15 mA, TA = 25° C
100 kHz square wave, C = 10pF max.
RL = 360 Ω to GND (Totem-Pole)
RL = 1KΩ pull-up (Open-Collector)
tPLH, tPHL
Propagation Delay Time
Low to High, High to Low
-
5.0
-
µs
Notes:
14) Normal application would be with light source blocked, simulated by IF = 0 mA.
15) All parameters are tested using pulse techniques.
16) An increasing current applied to the LED which causes the output logic state to change.
For proper application IF(+), LED current, should be more than the stated maximum.


Similar Part No. - OPB963P11Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB963T11 OPTEK-OPB963T11 Datasheet
875Kb / 4P
   Photologic Slotted Optical Switches
More results

Similar Description - OPB963P11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com