Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCG70 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SMCG70
Description  SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG70 Datasheet(HTML) 4 Page - Microsemi Corporation

  SMCG70 Datasheet HTML 1Page - Microsemi Corporation SMCG70 Datasheet HTML 2Page - Microsemi Corporation SMCG70 Datasheet HTML 3Page - Microsemi Corporation SMCG70 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT 1500 Watt
Transient Voltage Suppressor
100
10
1.0
0
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2005
2-23-05 REV C
SCOTTSD A L E DIVISION
SMCJ5.0 thru SMCJ170CA
and SMCG5.0 thru SMCG170CA
GRAPHS
(Waveform – See Figure 2)
Non-repetitive
Test wave form
parameterxs
tr = 10
µsec.
tp = 1000
µsec.
FIGURE 2 – PULSE WAVEFORM
1
µs
10
µsec
100
µsec
1ms
10ms
tp – Pulse Time – sec
FIGURE 1 – Peak Pulse Power vs. Pulse Time
PAD LAYOUT
INCHES
mm
A
.390
9.90
B
.110
2.79
C
.150
3.81
INCHES
mm
A
0.510
12.95
B
0.110
2.79
C
0.150
3.81
SMCJ
SMCG
TL Lead Temperature
oC
FIGURE 4
FIGURE 3 – Derating Curve
T
ypical Capacitance vs.
Breakdown Voltage
PACKAGE DIMENSIONS
DO-214AB
DO-215AB
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115 .260 .220 .305 .075 .380
.025
.030
MAX .121 .280 .245 .320 .095 .400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92 6.60 5.59 7.75 1.90 9.65
0.635 .760
MAX 3.07 7.11 6.22 8.13 2.41 10.16 1.016 1.520
Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm)


Similar Part No. - SMCG70

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG70 GE-SMCG70 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG70 MICROSEMI-SMCG70 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Vishay Siliconix
SMCG70 VISHAY-SMCG70 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Digitron Semiconductors
SMCG70 DIGITRON-SMCG70 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
logo
General Semiconductor
SMCG70A GE-SMCG70A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCG70

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com