Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2578-24 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C2578-24
Description  SMC Plug to BNC Male Cable 24 Inch Length Using RG188 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2578-24 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2578-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2578-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2578-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2578-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C2578
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2578-12 = 12 inches long cable
PE3C2578-100cm = 100 cm long cable
SMC Plug to BNC Male Cable 24 Inch Length Using RG188 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable 24 Inch Length Using RG188 Coax PE3C2578-24
URL: https://www.pasternack.com/smc-plug-bnc-male-rg188au-cable-assembly-pe3c2578-24-p.aspx
PE3C2578-24 REV 1.0
RF Cable Assemblies Technical Data Sheet
SMC Plug to BNC Male Cable 24 Inch Length Using RG188 Coax
PE3C2578-24


Similar Part No. - PE3C2578-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2578-12 PASTERNACK-PE3C2578-12 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG188 Coax
PE3C2578-36 PASTERNACK-PE3C2578-36 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG188 Coax
PE3C2578-48 PASTERNACK-PE3C2578-48 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG188 Coax
PE3C2578-60 PASTERNACK-PE3C2578-60 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG188 Coax
PE3C2578-72 PASTERNACK-PE3C2578-72 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG188 Coax
More results

Similar Description - PE3C2578-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2578-36 PASTERNACK-PE3C2578-36 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG188 Coax
PE3C2578-60 PASTERNACK-PE3C2578-60 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG188 Coax
PE3C2578-12 PASTERNACK-PE3C2578-12 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG188 Coax
PE3C2578-72 PASTERNACK-PE3C2578-72 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG188 Coax
PE3C2578-48 PASTERNACK-PE3C2578-48 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG188 Coax
PE3C2034-24 PASTERNACK-PE3C2034-24 Datasheet
360Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG188 Coax
PE3C2578LF-24 PASTERNACK-PE3C2578LF-24 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG188 Coax, LF Solder, RoHS
PE3C3428-24 PASTERNACK-PE3C3428-24 Datasheet
360Kb / 4P
   SMB Plug to BNC Male Cable 24 Inch Length Using RG188 Coax
PE3C2578 PASTERNACK-PE3C2578 Datasheet
362Kb / 4P
   SMC Plug to BNC Male Cable Using RG188 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com