Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2449-100CM Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3C2449-100CM
Description  SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2449-100CM Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3C2449-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE3C2449-100CM REV 1.0
SMA Male to TNC Female Bulkhead Low Loss Cable
100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-100CM CAD Drawing


Similar Part No. - PE3C2449-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2449-12 PASTERNACK-PE3C2449-12 Datasheet
417Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C2449-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3205-100CM PASTERNACK-PE3C3205-100CM Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2180-100CM PASTERNACK-PE3C2180-100CM Datasheet
419Kb / 5P
   TNC Female Bulkhead to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-200CM PASTERNACK-PE3C2449-200CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-50CM PASTERNACK-PE3C2449-50CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE348-100CM PASTERNACK-PE348-100CM Datasheet
366Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 100 CM Length Using PE-P142LL Coax, RoHS
PE3C0847-100CM PASTERNACK-PE3C0847-100CM Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1110-100CM PASTERNACK-PE3C1110-100CM Datasheet
485Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2276-100CM PASTERNACK-PE3C2276-100CM Datasheet
418Kb / 5P
   N Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com